Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 61Page - Renesas Technology Corp 7540 Datasheet HTML 62Page - Renesas Technology Corp 7540 Datasheet HTML 63Page - Renesas Technology Corp 7540 Datasheet HTML 64Page - Renesas Technology Corp 7540 Datasheet HTML 65Page - Renesas Technology Corp 7540 Datasheet HTML 66Page - Renesas Technology Corp 7540 Datasheet HTML 67Page - Renesas Technology Corp 7540 Datasheet HTML 68Page - Renesas Technology Corp 7540 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 366 page
background image
1-46
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
HARDWARE
7540 Group
FUNCTIONAL DESCRIPTION
q Oscillation stop detection circuit (Note)
The oscillation stop detection circuit is used for reset occurrence
when a ceramic resonator or an oscillation circuit stops by discon-
nection. When internal reset occurs, reset because of oscillation
stop can be detected by setting “1” to the oscillation stop detection
status bit.
Also, when using the oscillation stop detection circuit, an on-chip
oscillator is required.
Figure 53 shows the state transition.
Note: The oscillation stop detection circuit is not included in the
emulator MCU “M37540RSS”.
Fig. 50 Structure of MISRG
MISRG(address 003816, initial value: 0016)
b7
b0
Oscillation stabilization time set bit after
release of the STP instruction
0: Set “0116” in timer1, and “FF16”
in prescaler 1 automatically
1: Not set automatically
Ceramic or RC oscillation stop detection
function active bit
0: Detection function inactive
1: Detection function active
Reserved bits (return “0” when read)
(Do not write “1” to these bits)
Not used (return “0” when read)
Oscillation stop detection status bit
0: Oscillation stop not detected
1: Oscillation stop detected
(1) Oscillation control
• Stop mode
When the STP instruction is executed, the internal clock
φ stops at an
“H” level and the XIN oscillator stops. At this time, timer 1 is set to
“0116” and prescaler 1 is set to “FF16” when the oscillation stabiliza-
tion time set bit after release of the STP instruction is “0”. On the
other hand, timer 1 and prescaler 1 are not set when the above bit is
“1”. Accordingly, set the wait time fit for the oscillation stabilization
time of the oscillator to be used. f(XIN)/16 is forcibly connected to the
input of prescaler 1. When an external interrupt is accepted, oscilla-
tion is restarted but the internal clock
φ remains at “H” until timer 1
underflows. As soon as timer 1 underflows, the internal clock
φ is sup-
plied. This is because when a ceramic oscillator is used, some time is
required until a start of oscillation. In case oscillation is restarted by
reset, no wait time is generated. So apply an “L” level to the RESET
pin while oscillation becomes stable.
Also, the STP instruction cannot be used while CPU is operating
by an on-chip oscillator.
• Wait mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level, but the oscillator does not stop. The internal clock re-
starts if a reset occurs or when an interrupt is received. Since the
oscillator does not stop, normal operation can be started immedi-
ately after the clock is restarted. To ensure that interrupts will be
received to release the STP or WIT state, interrupt enable bits
must be set to “1” before the STP or WIT instruction is executed.
s Notes on clock generating circuit
For use with the oscillation stabilization set bit after release of the
STP instruction set to “1”, set values in timer 1 and prescaler 1 af-
ter fully appreciating the oscillation stabilization time of the
oscillator to be used.
• Switch of ceramic and RC oscillations
After releasing reset the operation starts by starting an on-chip os-
cillator. Then, a ceramic oscillation or an RC oscillation is selected
by setting bit 5 of the CPU mode register.
• Double-speed mode
When a ceramic oscillation is selected, a double-speed mode can
be used. Do not use it when an RC oscillation is selected.
• CPU mode register
Bits 5, 1 and 0 of CPU mode register are used to select oscillation
mode and to control operation modes of the microcomputer. In or-
der to prevent the dead-lock by error-writing (ex. program
run-away), these bits can be rewritten only once after releasing re-
set. After rewriting it is disable to write any data to the bit. (The
emulator MCU “M37540RSS” is excluded.)
Also, when the read-modify-write instructions (SEB, CLB) are ex-
ecuted to bits 2 to 4, 6 and 7, bits 5, 1 and 0 are locked.
• Clock division ratio, XIN oscillation control, on-chip oscillator control
The state transition shown in Fig. 52 can be performed by setting
the clock division ratio selection bits (bits 7 and 6), XIN oscillation
control bit (bit 4), on-chip oscillator oscillation control bit (bit 3) of
CPU mode register. Be careful of notes on use in Fig. 52.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com