Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 10Page - Renesas Technology Corp 7540 Datasheet HTML 11Page - Renesas Technology Corp 7540 Datasheet HTML 12Page - Renesas Technology Corp 7540 Datasheet HTML 13Page - Renesas Technology Corp 7540 Datasheet HTML 14Page - Renesas Technology Corp 7540 Datasheet HTML 15Page - Renesas Technology Corp 7540 Datasheet HTML 16Page - Renesas Technology Corp 7540 Datasheet HTML 17Page - Renesas Technology Corp 7540 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 366 page
background image
ix
7540 Group
List of figures
Fig. 3.2.16 VCC-VIHL characteristics (I/O port (CMOS): Mask ROM version) ........................ 3-37
Fig. 3.2.17 VCC-VIHL characteristics (I/O port (TTL): Mask ROM version) ............................ 3-37
Fig. 3.2.18 VCC-VIHL characteristics (RESET pin: Mask ROM version) ................................. 3-38
Fig. 3.2.19 VCC-VIHL characteristics (XIN pin: Mask ROM version) ......................................... 3-38
Fig. 3.2.20 VCC-VIL characteristics (CNVSS pin: Mask ROM version) ..................................... 3-38
Fig. 3.2.21 VCC-HYS characteristics (RESET pin: Mask ROM version) ................................ 3-39
Fig. 3.2.22 VCC-HYS characteristics (SIO pin: Mask ROM version) ...................................... 3-39
Fig. 3.2.23 VCC-HYS characteristics (INT pin: Mask ROM version) ...................................... 3-39
Fig. 3.2.24 VOH-IOH characteristics of P-channel (VCC = 3.0 V, normal port: Mask ROM version) .. 3-40
Fig. 3.2.25 VOH-IOH characteristics of P-channel (VCC = 5.0 V, normal port: Mask ROM version) .. 3-40
Fig. 3.2.26 VOL-IOL characteristics of N-channel (VCC = 3.0 V, normal port: Mask ROM version) ... 3-41
Fig. 3.2.27 VOL-IOL characteristics of N-channel (VCC = 5.0 V, normal port: Mask ROM version) ... 3-41
Fig. 3.2.28 VOL-IOL characteristics of N-channel (VCC = 3.0 V, LED drive port: Mask ROM version)
................................................................................................................................................. 3-42
Fig. 3.2.29 VOL-IOL characteristics of N-channel (VCC = 5.0 V, LED drive port: Mask ROM version)
................................................................................................................................................. 3-42
Fig. 3.2.30 VCC-IIL characteristics (Port “L” input current when connecting pull-up transistor:
Mask ROM version) .............................................................................................................. 3-43
Fig. 3.2.31 VIN-II(AD) characteristics (A/D port input current during A/D conversion, f(XIN) = 8
MHz in high-speed mode: Mask ROM version) ................................................................ 3-44
Fig. 3.2.32 VIN-II(AD) characteristics (A/D port input current during A/D conversion, f(XIN) = 6
MHz in double-speed mode: Mask ROM version) ............................................................ 3-44
Fig. 3.2.33 VIN-II(AD) characteristics (A/D port input current during A/D conversion, f(XIN) = 4
MHz in double-speed mode: Mask ROM version) ............................................................ 3-44
Fig. 3.2.34 VCC-ROSC characteristics (on-chip oscillator frequency: Mask ROM version) ... 3-45
Fig. 3.2.35 Ta-ROSC characteristics (on-chip oscillator frequency: Mask ROM version) ..... 3-45
Fig. 3.2.36 R-f(XIN) characteristics (RC oscillation frequency: Mask ROM version) ........... 3-46
Fig. 3.2.37 C-f(XIN) characteristics (RC oscillation frequency: Mask ROM version) ........... 3-46
Fig. 3.2.38 VCC-f(XIN) characteristics (RC oscillation frequency: Mask ROM version) ........ 3-47
Fig. 3.2.39 Ta-f(XIN) characteristics (RC oscillation frequency: Mask ROM version) ......... 3-47
Fig. 3.2.40 Definition of A/D conversion aCCuracy ................................................................... 3-48
Fig. 3.2.41 A/D conversion accuracy typical characteristic example-1 (Mask ROM version) .. 3-49
Fig. 3.2.42 A/D conversion accuracy typical characteristic example-2 (Mask ROM version) .. 3-50
Fig. 3.2.43 A/D conversion aCCuracy typical characteristic example-3 (Mask ROM version) .. 3-51
Fig. 3.2.44 VCC-ICC characteristics (in double-speed mode: One Time PROM version) ..... 3-52
Fig. 3.2.45 VCC-ICC characteristics (in high-speed mode: One Time PROM version) ......... 3-52
Fig. 3.2.46 VCC-ICC characteristics (in middle-speed mode: One Time PROM version) ..... 3-52
Fig. 3.2.47 VCC-ICC characteristics (at WIT instruction execution: One Time PROM version) .. 3-53
Fig. 3.2.48 VCC-ICC characteristics (at STP instruction execution: One Time PROM version) .. 3-53
Fig. 3.2.49 VCC-ICC characteristics (addition when operating A/D conversion, f(XIN) = 8 MHz in
high-speed mode: One Time PROM version) ................................................................... 3-54
Fig. 3.2.50 VCC-ICC characteristics (addition when operating A/D conversion, f(XIN) = 6 MHz in
double-speed mode: One Time PROM version) ............................................................... 3-54
Fig. 3.2.51 VCC-ICC characteristics (When system is operating by on-chip oscillator, Ceramic
oscillation stop: One Time PROM version) ....................................................................... 3-55
Fig. 3.2.52 VCC-ICC characteristics (When system is operating by on-chip oscillator, at WIT
instruction execution, Ceramic oscillation stop: One Time PROM version) ................. 3-55
Fig. 3.2.53 f(XIN)-ICC characteristics (in double-speed mode: One Time PROM version) .. 3-56
Fig. 3.2.54 f(XIN)-ICC characteristics (in high-speed mode: One Time PROM version) ...... 3-56
Fig. 3.2.55 f(XIN)-ICC characteristics (in middle-speed mode: One Time PROM version) .. 3-56
Fig. 3.2.56 f(XIN)-ICC characteristics (at WIT instruction execution: One Time PROM version) ... 3-57
Fig. 3.2.57 Ta-ICC characteristics (When system is operating by on-chip oscillator, Ceramic
oscillation stop: One Time PROM version) ....................................................................... 3-57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com