Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 18Page - Renesas Technology Corp 7540 Datasheet HTML 19Page - Renesas Technology Corp 7540 Datasheet HTML 20Page - Renesas Technology Corp 7540 Datasheet HTML 21Page - Renesas Technology Corp 7540 Datasheet HTML 22Page - Renesas Technology Corp 7540 Datasheet HTML 23Page - Renesas Technology Corp 7540 Datasheet HTML 24Page - Renesas Technology Corp 7540 Datasheet HTML 25Page - Renesas Technology Corp 7540 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 366 page
background image
1-3
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
HARDWARE
Fig. 2 Pin configuration (36P2R-A type)
Package type: 36P2R-A
10
1
2
3
4
6
7
8
9
11
12
14
15
16
5
13
17
18
36
35
34
33
31
30
26
25
24
23
22
21
20
19
32
27
29
28
P00/CNTR1
CNVSS
XOUT
XIN
VSS
P01/TYOUT
P02/TZOUT
P03/TXOUT
P04
P30(LED0)
Vcc
VREF
P05
P10/RXD1
P26/AN6
P27/AN7
P11/TXD1
P12/SCLK1/SCLK2
P13/SRDY1/SDATA2
P23/AN3
P22/AN2
P21/AN1
P20/AN0
P31(LED1)
P36(LED6)/INT1
P24/AN4
P25/AN5
P06
P07
P37/INT0
RESET
P14/CNTR0
P35(LED5)
P34(LED4)
P33(LED3)
P32(LED2)
PIN CONFIGURATION (TOP VIEW)
Fig. 1 Pin configuration (32P6U-A type)
Package type: 32P6U-A
P07
P10/RXD1
P11/TXD1
P12/SCLK1/SCLK2
P13/SRDY1/SDATA2
P14/CNTR0
P20/AN0
P21/AN1
32
31
30
29
28
27
26
25
P34(LED4)
P33(LED3)
P32(LED2)
P31(LED1)
P30(LED0)
VSS
XOUT
XIN
9
10
11
12
13
14
15
16
M37540Mx-XXXGP
M37540MxT-XXXGP
M37540MxV-XXXGP
M37540ExGP
M37540E8T-XXXGP
M37540E8V-XXXGP
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com