Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 120Page - Renesas Technology Corp 7540 Datasheet HTML 121Page - Renesas Technology Corp 7540 Datasheet HTML 122Page - Renesas Technology Corp 7540 Datasheet HTML 123Page - Renesas Technology Corp 7540 Datasheet HTML 124Page - Renesas Technology Corp 7540 Datasheet HTML 125Page - Renesas Technology Corp 7540 Datasheet HTML 126Page - Renesas Technology Corp 7540 Datasheet HTML 127Page - Renesas Technology Corp 7540 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 366 page
background image
2-48
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.4 Timer X
(3) Application example of timer mode
Outline: The input clock is divided by the timer so that the clock is counted up every 250 ms
intervals.
Specifications: •The f(XIN) = 4.19 MHz (222 Hz) is divided by timer X.
•The clock is counted up in the timer X interrupt processing routine (timer X interrupt
occurs every 250 ms).
• Operation clock: f(XIN) = 4.19 MHz, high-speed mode
Figure 2.4.11 shows the connection of timer and setting of division ratio and Figure 2.4.12 shows an
example of control procedure.
Fig. 2.4.11 Connection of timer and setting of division ratio
f(XIN) = 4.19 MHz
Prescaler XTimer X
Timer X interrupt
request bit
250 ms
1/16
1/256
1/256
0 or 1
1/4
1s
Divided by 4 by software
0: No interrupt request
1: Interrupt request
Timer X count
source selection
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com