Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 134Page - Renesas Technology Corp 7540 Datasheet HTML 135Page - Renesas Technology Corp 7540 Datasheet HTML 136Page - Renesas Technology Corp 7540 Datasheet HTML 137Page - Renesas Technology Corp 7540 Datasheet HTML 138Page - Renesas Technology Corp 7540 Datasheet HTML 139Page - Renesas Technology Corp 7540 Datasheet HTML 140Page - Renesas Technology Corp 7540 Datasheet HTML 141Page - Renesas Technology Corp 7540 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 366 page
background image
2-62
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.4 Timer X
2.4.7 Notes on timer X
Notes on using each mode of timer X are described below.
(1) Count source
➀ f(XIN) can be used only when a ceramic oscillator or an on-chip oscillator is used.
Do not use f(XIN) at RC oscillation.
(2) Pulse output mode
➀ In order to use CNTR0 pin, set “1” to bit 4 of the port P1 direction register (output mode).
➁ In order to use TXOUT pin, set “1” to bit 3 of the port P0 direction register (output mode).
➂ CNTR0 interrupt active edge depends on the CNTR0 active edge switch bit. When this bit is “0”,
the CNTR0 interrupt request bit is set to “1” at the falling edge of CNTR0 pin input signal. When
this bit is “1”, the CNTR0 interrupt request bit is set to “1” at the rising edge of CNTR0 pin input
signal.
(3) Pulse width measurement mode
➀ In order to use CNTR0 pin, set “1” to bit 4 of the port P1 direction register (output mode).
➁ CNTR0 interrupt active edge depends on the CNTR0 active edge switch bit. When this bit is “0”,
the CNTR0 interrupt request bit is set to “1” at the falling edge of CNTR0 pin input signal. When
this bit is “1”, the CNTR0 interrupt request bit is set to “1” at the rising edge of CNTR0 pin input
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com