Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 135Page - Renesas Technology Corp SH7713 Datasheet HTML 136Page - Renesas Technology Corp SH7713 Datasheet HTML 137Page - Renesas Technology Corp SH7713 Datasheet HTML 138Page - Renesas Technology Corp SH7713 Datasheet HTML 139Page - Renesas Technology Corp SH7713 Datasheet HTML 140Page - Renesas Technology Corp SH7713 Datasheet HTML 141Page - Renesas Technology Corp SH7713 Datasheet HTML 142Page - Renesas Technology Corp SH7713 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 904 page
background image
Section 3 DSP Operating Unit
Rev.1.50 Aug. 30, 2006 Page 99 of 860
REJ09B0288-0150
3.4.2
DSP Data Addressing
Table 3.10 shows the relationship between the double data transfer instructions and single data
transfer instructions.
Table 3.10
Overview of Data Transfer Instructions
Double Data Transfer Instructions Single Data Transfer Instructions
MOVX.W
MOVY.W
MOVS.W
MOVS.L
Address register
Ax: R4, R5,
Ay: R6, R7
As: R2, R3, R4, R5
Index register
Ix: R8, Iy: R9
Is: R8
Addressing
Nop/Inc (+2)/index addition:
post-increment
Nop/Inc (+2, +4)/index addition:
post-increment
Addressing
—
Dec (–2, –4): pre-decrement
Modulo addressing
Possible
Not possible
Data bus
XDB, YDB
LDB
Data length
16 bits (word)
16/32 bits (word/longword)
Bus conflict
No
Yes
Memory
X/Y data memory
Entire memory space
Source register
Dx, Dy: A0, A1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
Destination register
Dx: X0/X1
Dy: Y0/Y1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
Addressing Mode for Double Data Transfer Instructions: The double data transfer instructions
supports the following three addressing modes.
• Non-update address register addressing
The Ax and Ay registers are address pointers. They are not updated.
• Increment address register addressing
The Ax and Ay registers are address pointers. After a data transfer, they are each incremented
by 2 (post- increment).
• Addition index register addressing
The Ax and Ay registers are address pointers. After a data transfer, the value of the Ix or Iy
register is added to each (post-increment). The double data transfer instructions do not supports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com