Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 237Page - Renesas Technology Corp SH7713 Datasheet HTML 238Page - Renesas Technology Corp SH7713 Datasheet HTML 239Page - Renesas Technology Corp SH7713 Datasheet HTML 240Page - Renesas Technology Corp SH7713 Datasheet HTML 241Page - Renesas Technology Corp SH7713 Datasheet HTML 242Page - Renesas Technology Corp SH7713 Datasheet HTML 243Page - Renesas Technology Corp SH7713 Datasheet HTML 244Page - Renesas Technology Corp SH7713 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 904 page
background image
Section 5 Memory Management Unit (MMU)
Rev.1.50 Aug. 30, 2006 Page 201 of 860
REJ09B0288-0150
Recording a 1- or 4- kbyte page TLB entry may result in a synonym problem. See section 5.4.4,
Avoiding Synonym Problems.
5.4.3
MMU Instruction (LDTLB)
The load TLB instruction (LDTLB) is used to record TLB entries. When the IX bit in MMUCR is
0, the LDTLB instruction changes the TLB entry in the way specified by the RC bit in MMUCR
to the value specified by PTEH and PTEL, using VPN bits 16 to 12 specified in PTEH as the
index number. When the IX bit in MMUCR is 1, the EX-OR of VPN bits 16 to 12 specified in
PTEH and ASID bits 4 to 0 in PTEH are used as the index number.
Figure 5.11 shows the case where the IX bit in MMUCR is 0.
When an MMU exception occurs, the virtual page number of the virtual address that caused the
exception is set in PTEH by hardware. The way is set in the RC bit of MMUCR for each
exception according to the rules (see section 5.2.4, MMU Control Register (MMUCR)).
Consequently, if the LDTLB instruction is issued after setting only PTEL in the MMU exception
processing routine, TLB entry recording is possible. Any TLB entry can be updated by software
rewriting of PTEH and the RC bits in MMUCR.
As the LDTLB instruction changes address translation information, there is a risk of destroying
address translation information if this instruction is issued in the P0, U0, or P3 area. Make sure,
therefore, that this instruction is issued in the P1 or P2 area. Also, an instruction associated with an
access to the P0, U0, or P3 area (such as the RTE instruction) should be issued at least two
instructions after the LDTLB instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com