Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 238Page - Renesas Technology Corp SH7713 Datasheet HTML 239Page - Renesas Technology Corp SH7713 Datasheet HTML 240Page - Renesas Technology Corp SH7713 Datasheet HTML 241Page - Renesas Technology Corp SH7713 Datasheet HTML 242Page - Renesas Technology Corp SH7713 Datasheet HTML 243Page - Renesas Technology Corp SH7713 Datasheet HTML 244Page - Renesas Technology Corp SH7713 Datasheet HTML 245Page - Renesas Technology Corp SH7713 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 904 page
background image
Section 5 Memory Management Unit (MMU)
Rev.1.50 Aug. 30, 2006 Page 202 of 860
REJ09B0288-0150
VPN(31-17)
VPN(11-10)
ASID(7-0)
V
VPN
0
ASID
VPN
0SV 0 0 RC 0 TF IX AT
PPN
0
0 V 0 PR SZ C D SH 0
Write
PPN(28-10) PR(1-0) SZ
C
D SH
Write
Data Array
Address Array
Way Selection
Way 0 to 3
31
9
0
MMUCR
Index
31
17
12
10
8
0
PTEH Register
31 29 28
10
0
PTEL Register
0
31
0 0
Figure 5.11 Operation of LDTLB Instruction
5.4.4
Avoiding Synonym Problems
When a 1- or 4-kbyte page is recorded in a TLB entry, a synonym problem may arise. If a number
of virtual addresses are mapped onto a single physical address, the same physical address data will
be recorded in a number of cache entries, and it will not be possible to guarantee data congruity.
The reason that this problem occurs is explained below with reference to figure 5.12. The
relationship between bit n of the virtual address and cache size is shown in the following table.
Cache Size
Bit n of Virtual Address
16 kbytes
11
32 kbytes
12
To achieve high-speed operation of this LSI’s cache, an index number is created using virtual
address [n:4]. When a 1-kbyte page is used, virtual address [n:10] is subject to address translation
and when a 4-kbyte page is used, a virtual address [n:12] is subject to address translation.
Therefore, the physical address [n:10] may not be the same as the virtual address [n:10].
For example, assume that, with 1-kbyte page TLB entries, TLB entries for which the following
translation has been performed are recorded in two TLBs:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com