Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 306Page - Renesas Technology Corp SH7713 Datasheet HTML 307Page - Renesas Technology Corp SH7713 Datasheet HTML 308Page - Renesas Technology Corp SH7713 Datasheet HTML 309Page - Renesas Technology Corp SH7713 Datasheet HTML 310Page - Renesas Technology Corp SH7713 Datasheet HTML 311Page - Renesas Technology Corp SH7713 Datasheet HTML 312Page - Renesas Technology Corp SH7713 Datasheet HTML 313Page - Renesas Technology Corp SH7713 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 904 page
background image
Section 9 User Break Controller
Rev.1.50 Aug. 30, 2006 Page 270 of 860
REJ09B0288-0150
9.2.5
Break Address Mask Register B (BAMRB)
BAMRB is a 32-bit readable/writable register. BAMRB specifies bits masked in the break address
specified by BARB.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAMB31 to
BAMB 0
All 0
R/W
Break Address Mask B
Specifies bits masked in the break address of channel
B specified by BARB (BAB31 to BAB0).
0: Break address BABn of channel B is included in the
break condition
1: Break address BABn of channel B is masked and is
not included in the break condition
Note: n = 31 to 0
9.2.6
Break Data Register B (BDRB)
BDRB is a 32-bit readable/writable register. The control bits CDB1, CDB0, XYE, and XYS in
BBRB select one of the four data buses for break condition B.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDB31 to
BDB0
All 0
R/W
Break Data Bit B
Stores data which specifies a break condition in channel
B.
If the I bus is selected in BBRB, the break data on IDB
is set in BDB31 to BDB0.
If the L bus is selected in BBRB, the break data on LDB
is set in BDB31 to BDB0.
If the X memory is selected in BBRB, the break data in
bits 15 to 0 in XDB is set in BDB31 to BDB16. In this
case, the values in BDB15 to BDB0 are arbitrary.
If the Y memory is selected in BBRB, the break data in
bits 15 to 0 in YDB are set in BDB15 to BDB0. In this
case, the values in BDB31 to BDB16 are arbitrary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com