Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 308Page - Renesas Technology Corp SH7713 Datasheet HTML 309Page - Renesas Technology Corp SH7713 Datasheet HTML 310Page - Renesas Technology Corp SH7713 Datasheet HTML 311Page - Renesas Technology Corp SH7713 Datasheet HTML 312Page - Renesas Technology Corp SH7713 Datasheet HTML 313Page - Renesas Technology Corp SH7713 Datasheet HTML 314Page - Renesas Technology Corp SH7713 Datasheet HTML 315Page - Renesas Technology Corp SH7713 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 904 page
background image
Section 9 User Break Controller
Rev.1.50 Aug. 30, 2006 Page 272 of 860
REJ09B0288-0150
9.2.8
Break Bus Cycle Register B (BBRB)
BBRB is a 16-bit readable/writable register, which specifies (1) X bus or Y bus, (2) L bus cycle or
I bus cycle, (3) instruction fetch or data access, (4) read or write, and (5) operand size in the break
conditions of channel B.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 10
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9
XYE
0
R/W
Selects the X memory bus or Y memory bus as the
channel B break condition. Note that this bit setting is
enabled only when the L bus is selected with the CDB1
and CDB0 bits. Selection between the X memory bus
and Y memory bus is done by the XYS bit.
0: Selects L bus for the channel B break condition
1: Selects X/Y memory bus for the channel B break
condition
8
XYS
0
R/W
Selects the X bus or the Y bus as the bus of the
channel B break condition.
0: Selects the X bus for the channel B break condition
1: Selects the Y bus for the channel B break condition
7
6
CDB1
CDB0
0
0
R/W
R/W
L Bus Cycle/I Bus Cycle Select B
Select the L bus cycle or I bus cycle as the bus cycle of
the channel B break condition.
00: Condition comparison is not performed
01: The break condition is the L bus cycle
10: The break condition is the I bus cycle
11: The break condition is the L bus cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com