Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7511 Datasheet HTML 1Page - STMicroelectronics TDA7511 Datasheet HTML 2Page - STMicroelectronics TDA7511 Datasheet HTML 3Page - STMicroelectronics TDA7511 Datasheet HTML 4Page - STMicroelectronics TDA7511 Datasheet HTML 5Page - STMicroelectronics TDA7511 Datasheet HTML 6Page - STMicroelectronics TDA7511 Datasheet HTML 7Page - STMicroelectronics TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1/41
TDA7511
November 2001
FM-PART
s
RF AGC GENERATION BY RF AND IF
DETECTION FOR PIN DIODES AND MOSFET
(PRESTAGE)
s
1ST MIXER FOR 1ST FM IF 10.7MHz WITH
PROGRAMMABLE IF TANK ADJUST FOR FM
AND AM UPCONVERSION
s
2 PROGRAMMABLE IF-GAIN STAGES
s
2ND MIXER FOR 2ND IF 450KHz
s
INTERNAL IF BANDPASS FILTER WITH
THREE BANDWIDTHS CONTROLLED BY ISS
(INCLUDING WEATHER BAND)
s
FULLY INTEGRATED FM-DEMODULATOR
AM-PART
s
WIDE AND NARROW AGC GENERATION
s
PREAMPLIFIER AND MIXER FOR 1ST IF
10.7MHZ,
AM UPCONVERSION
s
2ND MIXER FOR 2ND IF 450KHZ
s
INTEGRATED AM-DEMODULATOR
s
OUTPUT FOR AM-STEREO-DECODER
ADDITIONAL FEATURES
s
HIGH PERFORMANCE FAST PLL FOR RDS-
SYSTEM
s
IF COUNTER FOR FM AND AM
UPCONVERSION WITH SEARCH STOP
SIGNAL
s
QUALITY DETECTOR FOR LEVEL,
DEVIATION, ADJACENT CHANNEL AND
MULTIPATH
s
QUALITY DETECTION INFORMATIONS AS
ANALOG SIGNALS EXTERNAL AVAILABLE
s
ISS (INTELLIGENT SELECTIVITY SYSTEM)
FOR CANCELLATION OF ADJACENT
CHANNEL AND NOISE INFLUENCES
s
ADJACENT CHANNEL MUTE
s
FULLY ELECTRONIC ALIGNMENT
s
ALL FUNCTIONS I2C-BUS CONTROLLED
s
ISS FILTER STATUS INFORMATION I2C-BUS
READABLE
DESCRIPTION
The TDA 7511 is a high performance tuner circuit for
AM/FM car radio. It contains mixers, IF amplifiers, de-
modulators for AM and FM, quality detection, ISS fil-
ter and PLL synthesizer with IF counter on a single
chip.
Use of BICMOS technology allows the implementa-
tion of several tuning functions and a minimum of ex-
ternal components.
TQFP64
ORDERING NUMBER: TDA7511
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS


Similar Part No. - TDA7511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
Sep-2003
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
FM car-radio tuner IC with intelligent selectivity system (ISS)
24-Jun-2009
TDA7513 STMICROELECTRONICS-TDA7513 Datasheet
524Kb / 58P
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
Dec-2003
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
520Kb / 59P
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
Jun-2004
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
850Kb / 84P
Single chip FM/AM tuner with stereo decoder and audio processor
18-Apr-2007
More results

Similar Description - TDA7511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7421 STMICROELECTRONICS-TDA7421 Datasheet
527Kb / 38P
AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
Jun-1998
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
STMicroelectronics
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
Highly integrated tuner for AM/FM car radio
22-Mar-2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
Highly integrated tuner for AM/FM car-radio
16-Sep-2013
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com