Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 30Page - STMicroelectronics TDA7511 Datasheet HTML 31Page - STMicroelectronics TDA7511 Datasheet HTML 32Page - STMicroelectronics TDA7511 Datasheet HTML 33Page - STMicroelectronics TDA7511 Datasheet HTML 34Page - STMicroelectronics TDA7511 Datasheet HTML 35Page - STMicroelectronics TDA7511 Datasheet HTML 36Page - STMicroelectronics TDA7511 Datasheet HTML 37Page - STMicroelectronics TDA7511 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
TDA7511
34/41
Addr 23 Tank Adjust
Addr 24 XTAL Adjust
Addr 25 Test Control
Table 26.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
450kHz 0pF
0
0
0
1
450kHz 1.6pF
0
0
1
0
450kHz 3.2pF
0
0
1
1
450kHz 4.8pF
---
-
-
1
1
1
1
450kHz 24pF
0
0
0
0
10.7MHz 0pF
0
0
0
1
10.7MHz 0.55pF
0
0
1
0
10.7MHz 1.1pF
0
0
1
1
10.7MHz 1.65pF
---
-
-
1
1
1
1
10.7MHz 8.25pF
Table 27.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
00
CLoad 0pF
000
01
CLoad 0.625pF
000
10
CLoad 1.25pF
000
11
CLoad 1.875pF
001
00
CLoad 2.5pF
----
-
-
111
11
CLoad 19.4pF
0
Only for testing has to be “0”
x
x
Not used
Table 28.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
0
Only for testing (bits have to be “0”)
0
AMIF select
1
Permanent search stop select for AM
0
S meter slope 1V/decade
1
S meter slope 1.5V/decade
0
Only for testing (has to be “0”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com