Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 29Page - STMicroelectronics TDA7511 Datasheet HTML 30Page - STMicroelectronics TDA7511 Datasheet HTML 31Page - STMicroelectronics TDA7511 Datasheet HTML 32Page - STMicroelectronics TDA7511 Datasheet HTML 33Page - STMicroelectronics TDA7511 Datasheet HTML 34Page - STMicroelectronics TDA7511 Datasheet HTML 35Page - STMicroelectronics TDA7511 Datasheet HTML 36Page - STMicroelectronics TDA7511 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
33/41
TDA7511
Addr 21 Softmute Control 2
Addr 22 S-Meter Slider
Table 24.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
00
Startpoint mute 0 in application 3dB
µV
00
01
Startpoint mute 1 in application 4dB
µV
00
10
Startpoint mute 2 in application 5dB
µV
01
00
Startpoint mute 3 in application 6dB
µV
---
-
-
11
11
Startpoint mute 15 in application 18dB
µV
0
0
0
0
AC mute threshold 60mV
0
0
0
1
AC mute threshold 80mV
0
0
1
1
AC mute threshold 100mV
---
0
-
1
0
0
0
AC mute threshold 220mV
1
1
1
1
AC mute “OFF”
Table 25.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
0
0
S meter offset 0mV
0
0
0
0
0
1
S meter offset -58mV
0
0
0
0
1
0
S meter offset -116mV
-
----
-
-
0
1
1
1
1
1
S meter offset -1798mV
1
0
0
0
0
0
S meter offset 0mV
1
0
0
0
0
1
S meter offset +58mV
1
0
0
0
1
0
S meter offset +116mV
-
----
-
-
1
1
1
1
1
1
S meter offset +1798mV
x
x
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com