Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 15Page - STMicroelectronics TDA7511 Datasheet HTML 16Page - STMicroelectronics TDA7511 Datasheet HTML 17Page - STMicroelectronics TDA7511 Datasheet HTML 18Page - STMicroelectronics TDA7511 Datasheet HTML 19Page - STMicroelectronics TDA7511 Datasheet HTML 20Page - STMicroelectronics TDA7511 Datasheet HTML 21Page - STMicroelectronics TDA7511 Datasheet HTML 22Page - STMicroelectronics TDA7511 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
19/41
TDA7511
Write Operation
Following a START condition the master sends a slave address word with the R/W bit set to "0". The TDA 7511
will generate an "acknowledge" after this first transmission and will wait for a second word (the word address
field). This 8-bit address field provides an access to any of the 32 internal addresses. Upon receipt of the word
address the TDA 7511 slave device will respond with an "acknowledge". At this time, all the following words
transmitted to the TDA 7511 will be considered as Data. The internal address will be automatically incremented.
After each word receipt the TDA 7511 will answer with an "acknowledge".
Read Operation
IF the master sends a slave address word with the R/W bit set to "1", the TDA 7511 will transit one 8-bit data
word. This data word includes the following informations:
bit0 (ISS filter, 1 = ON, 0 = OFF)
bit1 (ISS filter bandwidth, 1 = 80kHz, 0 = 120kHz)
bit2 (MPOUT,1 = multipath present, 0 = no multipath)
bit3 (1 = PLL is locked in , 0 = PLL is locked out).
bit4 (fieldstrength indicator, 1 = lower as softmute threshold, 0 = higher as softmute threshold)
bit5 (adjacent channel indicator, 1 = adjacent channel present, 0 = no adjacent channel)
bit6 (deviation indicator, 1 = strong overdeviation present, 0 = no strong overdeviation)
bit7 (deviation indicator, 1 = overdeviation present, 0 = no overdeviation)
2
Software Specification
The interface protocol comprises:
- start condition (S)
- chip address byte
- subaddress byte
- sequence of data (N bytes + Acknowledge)
- stop condition (P)
Figure 1.
99AT0054
S
1
1
0
0
0
1
0
X
MSB
LSB
CHIP ADDRESS
ACK
S
P
I
X
Acknowledge
Start
Stop
Pagemode
R/W Bit
=
=
=
=
=
ACK
T
T
I
A4 A3 A2 A1 A0
MSB
LSB
SUBADDRESS
ACK
DATA
MSB
LSB
DATA1 - DATAn
ACK
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com