Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 11Page - STMicroelectronics TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics TDA7511 Datasheet HTML 14Page - STMicroelectronics TDA7511 Datasheet HTML 15Page - STMicroelectronics TDA7511 Datasheet HTML 16Page - STMicroelectronics TDA7511 Datasheet HTML 17Page - STMicroelectronics TDA7511 Datasheet HTML 18Page - STMicroelectronics TDA7511 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15/41
TDA7511
Hence the demodulator output signal is detected. A lowpass filtering and peak rectifier generates a signal that
is defined by software controlled current (TDEV) in an external capacitance. This value is compared with a pro-
grammable comparator3 thresholds (DWTH, DTH) and generates two digital signals (dev, dev+).
ISS Switch Logic
All digital signals coming from adjacent channel detector, deviation detector and softmute are acting via switch-
ing matrix on ISS filter switch. The IF bandpass switch mode is controlled by software (ISSON, ISS30, ISS80,
ISSCTL). The switch ON of the IF bandpass is also available by manipulation of the voltage at PIN15. Two ap-
plication modes are available (APPM). The conditions are described in table 37.
1.5
Soft Mute Control
The external fieldstrength signal at PIN 35 is the reference for mute control. The startpoint, mute depth and slope
are programmable (SMTH, SMD, SLOPE) in a wide range. The time constant is defined by external capacitance.
Additional adjacent channel mute function is supported. A highpass filter with -3dB threshold frequency of
100kHz, amplifier and peak rectifier generates an adjacent noise signal from MPX output with the same time con-
stant for softmute. This value is compared with comparator5 thresholds (ACM). For present strong adjacent chan-
nel the MPX signal is attenuated typical 6dB.
1.6
AM Section
The upconversion mixer1 is combined with a gain control circuit 1 sensing three input signals, narrow band in-
formation at PIN 39, upconversion signal at PIN 58 and wide band information at PIN 3.This gain control circuit
gives two output signals. The first one is a current for pin diode attenuator and the second one is a voltage for
preamplifier. It is possible to put in a separate narrow bandpass filter before mixer2 at PIN 58. The intervention
point for first AGC (AMAGC) is programmable by software.
The oscillator frequency for mixer1 is generated by dividing the FM VCO frequency (AMD).
In mixer2 the IF1 is downconverted into the IF2 450kHz. Before the output signal reaches the 450kHz tank an
attenuator for IF gain control 2 is passed. Mixer1 and mixer2 tanks are software controlled adjustable
(IF1T, IF2T).
After filtering by ceramic filter a 450kHz amplifier with a gain control 3 is included. The gain control 2 and 3 are
the second AGC and programmable too by software (DAGC). In order to avoid an oscillation in intervention point
it is important to know that the DAGC threshold has to be smaller than AMAGC! .
The demodulator is a peak detector. A further time constant with capacitor at pin40 produces a DC AGC refer-
ence voltage dependent on input signal. The time constant is switchable by ratio of 30. This is necessary for the
station search function. The switching is software controlled (AMSEEK).
An internal comparator compares the AGC voltage with a programmable reference (AMSS). Consequently it is
possible to generate a seekstop impulse over a defined range.
A separate output is available for AMIF stereo or a permanent seek stop signal(SSTSEL).
1.7
PLL and IF Counter Section
PLL Frequency Synthesizer Block
This part contains a frequency synthesizer and a loop filter for the radio tuning system. Only one VCO is required
to build a complete PLL system for FM and AM upconversion. For auto search stop operation an IF counter
system is available.
The counter works in a two stages configuration. The first stage is a swallow counter with a two modulus (32/33)
precounter. The second stage is an 11-bit programmable counter.
The circuit receives the scaling factors for the programmable counters and the values of the reference frequen-
cies via an I2C-Bus interface.The reference frequency is generated by an adjustable internal (XTAL) oscillator
followed by the reference divider. The reference and step-frequencies are free selectable (RC, PC).
Output signals of the phase detector are switching the programmable current sources. The loop filter integrates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com