Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 27Page - STMicroelectronics TDA7511 Datasheet HTML 28Page - STMicroelectronics TDA7511 Datasheet HTML 29Page - STMicroelectronics TDA7511 Datasheet HTML 30Page - STMicroelectronics TDA7511 Datasheet HTML 31Page - STMicroelectronics TDA7511 Datasheet HTML 32Page - STMicroelectronics TDA7511 Datasheet HTML 33Page - STMicroelectronics TDA7511 Datasheet HTML 34Page - STMicroelectronics TDA7511 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
31/41
TDA7511
Addr 18 AM Control1
Addr 19 AM Control2
Table 21.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Normal AGC time constant
1
Short time constant for AM seek stop
0
Multipath information available FM
1
AM stereo output available
0
0
Prescaler ratio 10
0
1
Prescaler ratio 8
1
0
Prescaler ratio 6
1
1
Prescaler ratio 4
000
0
Narrow band AGC threshold 74.4dB
µV
000
1
Narrow band AGC threshold 78.8dB
µV
001
0
Narrow band AGC threshold 80.0dB
µV
001
1
Narrow band AGC threshold 80.7dB
µV
010
0
Narrow band AGC threshold 53.2dB
µV
010
1
Narrow band AGC threshold 77.1dB
µV
011
0
Narrow band AGC threshold 78.5dB
µV
011
1
Narrow band AGC threshold 79.4dB
µV
100
0
Narrow band AGC threshold 42.7dB
µV
100
1
Narrow band AGC threshold 65.8dB
µV
101
0
Narrow band AGC threshold 77.6dB
µV
101
1
Narrow band AGC threshold 78.5dB
µV
110
0
Narrow band AGC threshold 32.6dB
µV
110
1
Narrow band AGC threshold 55.0dB
µV
111
0
Narrow band AGC threshold 73.3dB
µV
111
1
Narrow band AGC threshold 77.6dB
µV
Table 22.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
00
AGC Threshold 82.0dB
µV 80.1dBµV
00
01
AGC Threshold 85.4dB
µV 83.4dBµV
00
10
AGC Threshold 87.5dB
µV 85.5dBµV
00
11
AGC Threshold 89.2dB
µV 87.2dBµV
01
00
AGC Threshold 90.6dB
µV 88.6dBµV
01
01
AGC Threshold 91.9dB
µV 89.8dBµV
01
10
AGC Threshold 92.9dB
µV 90.8dBµV
01
11
AGC Threshold 93.8dB
µV 91.8dBµV
10
00
AGC Threshold 94.6dB
µV 92.6dBµV
10
01
AGC Threshold 95.4dB
µV 93.3dBµV
10
10
AGC Threshold 96.1dB
µV 94.0dBµV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com