Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 26Page - STMicroelectronics TDA7511 Datasheet HTML 27Page - STMicroelectronics TDA7511 Datasheet HTML 28Page - STMicroelectronics TDA7511 Datasheet HTML 29Page - STMicroelectronics TDA7511 Datasheet HTML 30Page - STMicroelectronics TDA7511 Datasheet HTML 31Page - STMicroelectronics TDA7511 Datasheet HTML 32Page - STMicroelectronics TDA7511 Datasheet HTML 33Page - STMicroelectronics TDA7511 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
TDA7511
30/41
Addr 16 Quality Deviation Detection
Addr 17 Quality ISS Filter
Table 19.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
0
charge current 34
µΑ, discharge current 6µΑ
00
1
charge current 32
µΑ, discharge current 8µΑ
01
0
charge current 30
µΑ, discharge current 10µΑ
01
1
charge current 28
µΑ, discharge current 12µΑ
--
-
-
11
1
charge current 20
µΑ, discharge current 20µΑ
0
0
DEV threshold for ISS narrow/wide 30kHz
0
1
DEV threshold for ISS narrow/wide 45kHz
1
0
DEV threshold for ISS narrow/wide 60kHz
1
1
DEV threshold for ISS narrow/wide 75kHz
0
0
DEV threshold for ISS filter “OFF” ratio 1
0
1
DEV threshold for ISS filter “OFF” ratio 1.3
1
0
DEV threshold for ISS filter “OFF” ratio 1.4
1
1
DEV threshold for ISS filter “OFF” ratio 1.5
0
has to be 0
Table 20.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
ISS filter control “ON”
1
ISS filter control “OFF”
0
Switch ISS filter “OFF”
1
Switch ISS filter “ON”
0
Switch ISS filter 120kHz
1
Switch ISS filter 80kHz
00
0
discharge current1
µA, charge current mid 74µΑ narrow124µΑ
00
1
discharge current3
µA, charge current mid 72µΑ narrow122µΑ
01
0
discharge current5
µA, charge current mid 70µΑ narrow120µΑ
01
1
discharge current7
µA, charge current mid 68µΑ narrow118µΑ
--
-
-
11
1
discharge current15
µA,charge current mid 60µΑnarrow110µΑ
0
0
ISS filter fine adjust -20kHz
0
1
ISS filter fine adjust -10kHz
1
0
ISS filter fine adjust 0kHz
1
1
ISS filter fine adjust +10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com