Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 18Page - STMicroelectronics TDA7511 Datasheet HTML 19Page - STMicroelectronics TDA7511 Datasheet HTML 20Page - STMicroelectronics TDA7511 Datasheet HTML 21Page - STMicroelectronics TDA7511 Datasheet HTML 22Page - STMicroelectronics TDA7511 Datasheet HTML 23Page - STMicroelectronics TDA7511 Datasheet HTML 24Page - STMicroelectronics TDA7511 Datasheet HTML 25Page - STMicroelectronics TDA7511 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
TDA7511
22/41
Subaddress
Note: 1. T1, T2 used for testing, in application mode they have to be "0".
PC
Counter for PLL (VCO frequency)
RC
Reference counter PLL
RES
Reservation
SL
S meter slider threshold
SLOPE
Softmute slope select
SMCTH
Softmute capacitor threshold for ISS “ON”
SMD
Softmute depth threshold
SMSL
S meter slope
SMTH
Softmute startpoint threshold
SSTSEL
Search stop select for continuous signal
TEST3
Testing PLL/IFC (only for testing)
TESTOUT
Switch FSW output to TEST output (only for testing)
TESTIN
Switch FSU input to TEST input (only for testing)
TDEV
Time constant for deviation detector
TINAC
Test input adjacent channel (only for testing)
TINMP
Test input multipath(only for testing)
TISS
Time constant for ISS filter “ON”/”OFF”
TVR
Tuning voltage for prestage proportional referred to PLL
TVO
Tuning voltage offset for prestage
XTAL
Xtal frequency adjust
450LOFF
450kHz limiter “OFF” (only for testing)
Table 3.
MSB
LSB
Function
T2
T1
I
A4A3A2
A1A0
0
0
0
0
0
Charge pump control
0
0
0
0
1
PLL lock detector
----
-
-
1
1
1
0
0
Test mode 2
0
Page mode “OFF”
1
Page mode enable
Table 2. (continued)
Register Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com