Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics TDA7511 Datasheet HTML 14Page - STMicroelectronics TDA7511 Datasheet HTML 15Page - STMicroelectronics TDA7511 Datasheet HTML 16Page - STMicroelectronics TDA7511 Datasheet HTML 17Page - STMicroelectronics TDA7511 Datasheet HTML 18Page - STMicroelectronics TDA7511 Datasheet HTML 19Page - STMicroelectronics TDA7511 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
TDA7511
16/41
their currents to a DC voltage.
The values of the current sources are programmable by 6 bits also received via the I2C Bus (A, B, CURRH, LPF).
To minimize the noise induced by the digital part of the system, a special guard area is implemented.
The loop gain can be set for different conditions by setting the current values of the chargepump generator.
Frequency Generation for Phase Comparison
The RF signals applies a two modulus counter (32/33) pre-scaler, which is controlled by a 5-bit divider(A). The
5-bit register (PC0 to PC4) controls this divider. In parallel the output of the prescaler connects to an 11-bit di-
vider(B). The 11-bit PC register (PC5 to PC15) controls this divider
Dividing range:
fOSC = (R+1) x fREF
fVCO = [33 x A + (B + 1 - A) x 32] x fREF
fVCO = (32 x B + A + 32) x fREF
Important: For correct operation: A
≤ 32; B ≥ A
Three State Phase Comparator
The phase comparator generates a phase error signal according to phase difference between fSYN and fREF.
This phase error signal drives the charge pump current generator.
Charge Pump Current Generator
This system generators signed pulses of current. The phase error signal decides the duration and polarity of
those pulses. The current absolute values are programmable by A register for high current and B register for
low current.
Inlock Detector
Switching the chargepump in low current mode can be done either via software or automatically by the inlock
detector, by setting bit LDENA to "1".
After reaching a phase difference of 10 - 40nsec and a delay of some times 1/fREF, the chargepump is forced
in low current mode. A new PLL divider alternation by I2C-Bus will switch the chargepump in the high current
mode.
Few programmable phase errors (D0, D1) are available for inlock detection
The count of detected inlock informations, to release the inlock signal is adjustable (D2, D3), to avoid a switching
to low current during a frequency jump.
Low Noise CMOS Op-amp
An internal voltage divider at pin VREF2 connects the positive input of the low noise op-amp. The charge pump
output connects the negative input. This internal amplifier in cooperation with external components can provide
an active filter. The negative input is switchable to three input pins, to increase the flexibility in application. This
feature allows two separate active filters for different applications.
A logical "0" in the LPF register activates PIN LPFM, otherwise PIN LPAM is active. While the high current mode
is activated LPHC is switched on.
IF Counter Block
The input signal for FM and AM upconversion is the same 10.7MHz IF level after limiter. The grade of integration
is adjustable by eight different measuring cycle times. The tolerance of the accepted count value is adjustable,
to reach an optimum compromise for search speed and precision of the evaluation.
For the FM range the center frequency of the measured count value is adjustable in 32 steps, to get the possi-
bility of fitting the IF-filter tolerance. In the AM upconversion range an IF frequency of 10.689MHz to 10.720MHz
with 1kHz steps is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com