Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 28Page - STMicroelectronics TDA7511 Datasheet HTML 29Page - STMicroelectronics TDA7511 Datasheet HTML 30Page - STMicroelectronics TDA7511 Datasheet HTML 31Page - STMicroelectronics TDA7511 Datasheet HTML 32Page - STMicroelectronics TDA7511 Datasheet HTML 33Page - STMicroelectronics TDA7511 Datasheet HTML 34Page - STMicroelectronics TDA7511 Datasheet HTML 35Page - STMicroelectronics TDA7511 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
TDA7511
32/41
Addr 20 Softmute Control 1
10
11
AGC Threshold 96.7dB
µV 94.6dBµV
11
00
AGC Threshold 97.3dB
µV 95.2dBµV
11
01
AGC Threshold 97.8dB
µV 95.7dBµV
11
10
AGC Threshold 98.4dB
µV 96.3dBµV
11
11
AGC Threshold 98.8dB
µV 96.8dBµV
000
0
Seek stop threshold 20.3dB
µV
000
1
Seek stop threshold 20.8dB
µV
001
0
Seek stop threshold 21.3dB
µV
001
1
Seek stop threshold 22.0dB
µV
010
0
Seek stop threshold 22.8dB
µV
010
1
Seek stop threshold 23.7dB
µV
011
0
Seek stop threshold 24.7dB
µV
011
1
Seek stop threshold 25.9dB
µV
100
0
Seek stop threshold 27.0dB
µV
100
1
Seek stop threshold 28.6dB
µV
101
0
Seek stop threshold 30.4dB
µV
101
1
Seek stop threshold 32.5dB
µV
110
0
Seek stop threshold 35.2dB
µV
110
1
Seek stop threshold 37.6dB
µV
111
0
Seek stop threshold 40.2dB
µV
111
1
Seek stop threshold 43.0dB
µV
Table 23.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
Mute depth 0 in application 18dB
0
0
0
1
Mute depth 1 in application 20dB
0
0
1
0
Mute depth 2 in application 22dB
0
0
1
1
Mute depth 3 in application 24dB
-
-
-
-
- (logarithmically behaviour)
1
1
1
1
Mute depth 15 in application 36dB
0
Mute disable
1
Mute enable
0
Sharp slope
1
Smooth slope
0
0
Function “OFF”
0
1
Mute depth threshold for ISS filter “ON” 2dB
1
0
Mute depth threshold for ISS filter “ON” 1dB
1
1
Mute depth threshold for ISS filter “ON” 0.2dB
Table 22. (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com