Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 32Page - STMicroelectronics TDA7511 Datasheet HTML 33Page - STMicroelectronics TDA7511 Datasheet HTML 34Page - STMicroelectronics TDA7511 Datasheet HTML 35Page - STMicroelectronics TDA7511 Datasheet HTML 36Page - STMicroelectronics TDA7511 Datasheet HTML 37Page - STMicroelectronics TDA7511 Datasheet HTML 38Page - STMicroelectronics TDA7511 Datasheet HTML 39Page - STMicroelectronics TDA7511 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
TDA7511
36/41
APPENDIX
Figure 2.
Figure 3.
10.7 MHz
Limiter
S-Meter
Pin46
FMMIX2IN1
Pin14
FSU
ISS
MPX
DEM
max 40
µA
5
µA
1...15
µA
TDEV
DC 3V
DEVTC
Pin20
+
-
+
-
+
DWTH
DTH
MUTE
AC MUTE
Detector
Logic
17<2>
16<7>
17<1>
Inton
High
15<5> 15<6>
Int80
dev
dev+
sm
ac
ac+
+
-
SMCTH
MUTE
TC
+
Pin13
ADJCH
AC Detector
+
-
+
-
+
ACWTH
ACNTH
AC
+
-
MPTH
MP
MP Detector
Pin34
AMST/MP
Y1
16<7>
Y2
17<0>
Y3
15<0>
50
µA
75
µA
5V
+
-
2.5V
1...15
µA
TISS
ISSTC
Pin15
+
-
+
-
2V
4V
33nF
12k
Ω
Pin37
MPX/AFAM
Pin42
MUTETC
Attack current 50
µA
Decay current 2.5
µA
Pin35
FSW
ACWTH < AC
ACWTH + ACNTH < AC
MPTH < MP
Y1
1
1
x
Y2
0
1
x
Y3
x
x
1
V20 > DWTH
V20 > DTH + DWTH
DEV
1
1
DEV+
0
1
V15 > 2V
V15 > 4V
AC
1
1
AC+
0
1
- All switches are drawn for function "OFF"
- Software explanation:
16<7> Means address 16 and data d7
00AT0006
+
12.5
µA
Pin6
Pin5
I
Sink max 1.25mA
FMMOSDR
FMPINDR
0...10dB
+
-
Keying AGC off
(= 0dB)
FMAGC
Narrow
Band
Range
Internal
Unweighted
Fieldstrength
Pin11
FMRFAGCIN
80dBu
Pin11
FMIFAGCIN
82...92dBu
Mid
Band
Range
Wide
Band
Range
00AT0007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com