Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 7Page - STMicroelectronics TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics TDA7511 Datasheet HTML 10Page - STMicroelectronics TDA7511 Datasheet HTML 11Page - STMicroelectronics TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics TDA7511 Datasheet HTML 14Page - STMicroelectronics TDA7511 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11/41
TDA7511
aIF
IF rejection
Ref: VINRF = 74dBµV,
IF1 = 10.7MHz
IF2 = 450kHz
∆V37 = -10dB
100
100
dB
dB
aTW
Tweet
C28 = 22
µF
-3
-0.7
dB
fAF
Frequency response
Ref.: VINRF = 74dB
µV,
∆VAF = -3 dB
3.6
kHz
VINRFSS
Seek Stop Sensitivity
AMSS
20
35
45
dB
µV
THD
Total Harmonic Distortion
VINRF = 74 dB
µV, m = 0.8
m = 0.3
VINRF = 120 dbµV, m = 0.8
m = 0.3
0.5
0.3
1.0
0.3
%
V37
Output level
VINRF = 74 dBµV
220
mVRM
S
V34
Output level
VINRF = 74 dB
µ, m=off
190
mVRM
S
V3
Min. RF AGC threshold
Max. RF AGC threshold
AMAGC
Wide
82
98.8
dB
µV
dB
µV
V58
Min. IF AGC threshold
Max. IF AGC threshold
AMAGC
Middle
80.1
96.8
dB
µV
dB
µV
V3
Min. IF AGC threshold
Max. IF AGC threshold
DAGC
Narrow
32.6
80.7
dB
µV
dB
µV
R63OUT
Output impedance
100
k
Ω
R40OUT
Output impedance
AMSEEK = 0
150
k
Ω
R40OUT
Output impedance
AMSEEK = 1
5
k
Ω
AGC Voltage Driver Output
V4
Max. AGC output voltage
3.5
V
V4
Min. AGC output voltage
0.5
V
|I4|
AGC current
100
µA
AGC PIN Diode Driver Output
I64
AGC driver current
1.5
mA
AM Mixer1 (10.7MHz)
RIN
Input impedance
1.2
k
Ω
IP3
3rd order intercept point
140
dB
µV
F
Noise figure
7dB
ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCMIX2 =8.5V, fRF =1MHz, fMOD = 400Hz at 30%
AMfIF1 = 10.7MHz, fIF2 = 450kHz, fxtal = 10.25MHz, in test or application circuit, (unless otherwise noted, VinRF
antenna input).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com