Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 24Page - STMicroelectronics TDA7511 Datasheet HTML 25Page - STMicroelectronics TDA7511 Datasheet HTML 26Page - STMicroelectronics TDA7511 Datasheet HTML 27Page - STMicroelectronics TDA7511 Datasheet HTML 28Page - STMicroelectronics TDA7511 Datasheet HTML 29Page - STMicroelectronics TDA7511 Datasheet HTML 30Page - STMicroelectronics TDA7511 Datasheet HTML 31Page - STMicroelectronics TDA7511 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
TDA7511
28/41
Addr 12 IF 1 and FM AGC
Addr 13 Demodulator Fine Adjust
Table 15.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
IF1 gain1 9dB
0
1
IF1 gain1 11dB
1
0
IF1 gain1 13dB
1
1
IF1 gain1 15dB
0
0
IF1 gain2 9dB
0
1
IF1 gain2 11dB
1
0
IF1 gain2 13dB
1
1
IF1 gain2 15dB
00
0
AGC threshold 80dB
µV
00
1
AGC threshold 82dB
µV
01
0
AGC threshold 84dB
µV
01
1
AGC threshold 86dB
µV
10
0
AGC threshold 88dB
µV
10
1
AGC threshold 90dB
µV
11
0
AGC threshold 92dB
µV
1
1
1
Keying AGC “OFF”
0
has to be “0”
Table 16.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
000
00
0mV
0
000
01
+6mV
0
000
10
+12mV
-
----
-
-
0
1
1
1
1
1
+186mV
1
000
00
0mV
1
000
01
-6mV
1
000
10
-12mV
-
----
-
-
1
1
1
1
1
1
-186mV
1
1
have to be “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com