Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7511 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 21Page - STMicroelectronics TDA7511 Datasheet HTML 22Page - STMicroelectronics TDA7511 Datasheet HTML 23Page - STMicroelectronics TDA7511 Datasheet HTML 24Page - STMicroelectronics TDA7511 Datasheet HTML 25Page - STMicroelectronics TDA7511 Datasheet HTML 26Page - STMicroelectronics TDA7511 Datasheet HTML 27Page - STMicroelectronics TDA7511 Datasheet HTML 28Page - STMicroelectronics TDA7511 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
25/41
TDA7511
Addr 5 PLL Reference Counter 2 (MSB)
Note: 1. fOSC/fREF = LSB + MSB + 1
Addr 6, Addr7, Addr 8 TV1,2 (proportional and offset control referred to tuning voltage V28)
Note: 1. TV1,2 = V28 + V28 * TVR/128 + TVO * 50mV
TVR: -31, -30, ... 0 ... 30, 31
TVO: -7, -6, ... 0 ... 6, 7
Table 9.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
000
00
MSB = 0
000
000
01
MSB = 256
000
000
10
MSB = 512
---
----
-
-
1
1
1
1
1
1
0
0
MSB = 64768
1
1
1
1
1
1
0
1
MSB = 65024
1
1
1
1
1
1
1
0
MSB = 65280
1
1
1
1
1
1
1
1
MSB = 65536
Table 10.
addr8
addr6
Function TV1
d7
d6
d7
d6
d5
d4
d3
d2
d1
d0
addr8
addr7
Function TV2
d5
d4
d7
d6
d5
d4
d3
d2
d1
d0
000000
TVR = 0
000001
TVR = -1
000010
TVR = -2
-------
-
-
011111
TVR = -31
100001
TVR = +1
100010
TVR = +2
----------
-
111111
TVR = +31
0000
TVO = 0
0001
TVO = -1
0010
TVO = -2
----------
-
0111
TVO = -7
1001
TVO = +1
1010
TVO = +2
-----
----
-
1111
TVO = +7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com