Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5428-PLSW Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 62Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 63Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 64Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 65Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 66Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 67Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 68Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 69Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
66
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
10. Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Min.
Max.
Unit
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55
+125
°C
Ambient temperature
Tamb
–40
+85
°C
Supply voltage VS2
VMaxVS2
–0.3
+7.2
V
Supply voltage VS1
VMaxVS1
–0.3
+4
V
Supply voltage VAUX
VMaxVAUX
–0.3
+7.2
V
Supply voltage VSINT
VMaxVSINT
–0.3
+5.5
V
ESD (Human Body Model ESD S 5.1)
every pin
HBM
–1.5
+ 1.5
kV
ESD (Machine Model JEDEC A115A)
every pin
MM
–200
+200
V
ESD (Field Induced Charge Device Model ESD
STM 5.3.1
–1999)
every pin
FCDM
–1
+1
kV
Maximum input level, input matched to 50
Ω
P
in_max
10
dBm
11. Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
25
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com