Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5428-PLSW Datasheet(PDF) 51 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 47Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 48Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 49Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 50Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 51Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 52Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 53Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 54Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
51
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
8.8
4-wire Serial Interface
The 4-wire serial interface consists of the Chip Select (CS), the Serial Clock (SCK), the Serial
Data Input (SDI_TMDI) and the Serial Data Output (SDO_TMDO). Data is transmitted/received
bit by bit in synchronization with the serial clock.
Note:
If the output level on pin N_RESET is low, no data communication with the microcontroller is
possible.
When CS is low and the transparent mode is inactive (T_MODE = 0), SDO_TMDO is in a high
impedance state. When CS is low and the transparent mode is active (T_MODE = 1), the RX
data stream is available on pin SDO_TMDO.
Figure 8-7.
Serial Timing
Table 8-1.
Command Structure
Command
MSB
LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read TX/RX data buffer
0
0
0
x
x
x
x
x
Write TX/RX data buffer
0
0
1
x
x
x
x
x
Read control/status register
0
1
0
A4
A3
A2
A1
A0
Write control register
0
1
1
A4
A3
A2
A1
A0
OFF command
1
0
0
XXX
XX
Delete IRQ
1
0
1
X
X
X
X
X
Not used
1
1
0
XXX
XX
Not used
1
1
1
XXX
XX
MSB
MSB-1
LSB
MSB
MSB-1
X
X
X
X
X
X
CS
SCK
SDO_TMDO
SDI_TMDI
T
CS_disable
T
SCK_setup2
T
SCK_hold
T
SCK_setup1
T
Cycle
X can be either V
iL or ViH
T
CS_setup
T
Out_enable
T
Out_delay
T
Setup
T
Hold
T
Out_disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com