Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5428-PLSW Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
36
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
5.6
2 Li Battery Application (6V)
The supply voltage range is 4.4V to 6.6V and VAUX is connected to an inductive supply.
Figure 5-6.
2 Li Battery Application (6V) with Inductive Emergency Supply
6.
Microcontroller Interface
The microcontroller interface is a level converter which converts all internal digital signals that
are referred to the DVCC voltage into the voltage used by the microcontroller. Therefore, the pin
VSINT has to be connected to the supply voltage of the microcontroller.
This makes it possible to use the internal voltage regulator/switch at pin VSOUT as in Figure 2-1
on page 7 and Figure 2-3 on page 9 or to connect the microcontroller and the pin VSINT directly
to the supply voltage of the microcontroller as in Figure 2.2 on page 8.
7.
Digital Control Logic
7.1
Register Structure
The configuration of the transceiver is stored in RAM cells. The RAM contains a 16
× 8-bit
TX/RX data buffer and a 6
× 8-bit control register and is writable and readable via a 4-wire serial
interface (CS, SCK, SDI_TMDI, SDO_TMDO).
The 1
× 8-bit status register is not part of the RAM and is readable via the 4-wire serial interface.
The RAM and the status information are stored as long as the transceiver is in any active mode
(DVCC = VS1 or DVCC = V_REG2) and are lost when the transceiver switches to OFF mode
(DVCC =OFF).
VS
IN
OUT
IN
OUT
OUT
IN
IN
VSOUT
VSINT
NRESET
CLK
IRQ
CS
SCK
SDI_TMDI
SDO_TMDO
DVCC
RF Transceiver
ATA5423/ATA5425/
ATA5428/ATA5429
ATmega
48/88/168
Digital Control
Logic
AVCC
VAUX
VS2
4.4V to 6.6V
VS1
DEM_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com