Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5428-PLSW Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 70Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 71Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 72Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 73Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 74Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 75Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 76Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 77Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
3
Power Amplifier/TX Mode
3.1
Supply current TX mode
power amplifier OFF
f
RF = 868.3 MHz
fRF = 915 MHz
I
S_TX_PAOFF
6.50
mA
A
fRF = 315 MHz
f
RF = 345 MHz
f
RF = 433.92 MHz
I
S_TX_PAOFF
6.95
mA
A
3.2
Output power 1
V
VS1 = VVS2 = 3V
Tamb = 25°C
V
PWR_H = 0V
fRF = 315 MHz
R
R_PWR = 56 kΩ
R
Lopt = 2.5 kΩ
f
RF = 345 MHz
R
R_PWR = 56 kΩ
RLopt = 2.4 kΩ
f
RF = 433.92 MHz
RR_PWR = 56 kΩ
R
Lopt = 2.3 kΩ
fRF = 868.3 MHz
R
R_PWR = 30 kΩ
RLopt = 1.3 kΩ
f
RF = 915 MHz
RR_PWR = 33 kΩ
RLopt = 1.1 kΩ
RF_OUT matched to
RLopt //
j/(2
× π × f
RF × 1.0 pF)
(10)
PREF1
–2.5
0
+2.5
dBm
B
3.3
Supply current TX mode
power amplifier ON 1
PA on/0 dBm
fRF = 315 MHz
17, 18
IS_TX_PAON1
8.5
mA
B
fRF = 345 MHz
17, 18
IS_TX_PAON1
8.6
mA
B
fRF = 433.92 MHz
17, 18
IS_TX_PAON1
8.6
mA
B
fRF = 868.3 MHz
17, 18
IS_TX_PAON1
9.6
mA
B
fRF = 915 MHz
17, 18
IS_TX_PAON1
9.6
mA
B
12. Electrical Characteristics: General (Continued)
This device is manufactured with an industrial (not automotive) grade process and process controls. Although this device may
meet certain automotive grade criteria in performance, Atmel can not recommend that this device be used in any automotive
application.
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V (1-battery application), VVS2 = 6.0V (2-battery application)
and VVS2 = VVAUX = 5.0V (Base-station Application). Typical values are given at fRF = 433.92 MHz unless otherwise specified. Details
about current consumption, timing and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in brackets mean they were measured with RF_IN matched to 50
Ω according to Figure 3-1 on page 11 with
component values according to Table 3-2 on page 12 and RF_OUT matched to 50
Ω according to Figure 3-10 on page 21
with component values according to Table 3-7 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com