Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5428-PLSW Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
25
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
4.
XTO
The XTO is an amplitude-regulated Pierce oscillator type with integrated load capacitances
(2
× 18 pF with a tolerance of ±17%) hence C
Lmin = 7.4 pF and CLmax = 10.6 pF. The XTO oscil-
lation frequency f
XTO is the reference frequency FREF for the fractional-N synthesizer. When
designing the system in terms of receiving and transmitting frequency offset, the accuracy of the
crystal and XTO have to be considered.
The synthesizer can adjust the local oscillator frequency for the initial frequency error in f
XTO.
This is done at nominal supply voltage and temperature with the control registers 2 and 3 (see
Table 7-7 and Table 7-10). The remaining local oscillator tolerance at nominal supply voltage
and temperature is then < ±0.5 ppm. The XTO’s gm has very low influence of less than ±2 ppm
on the frequency at nominal supply voltage and temperature.
In a single channel system less than ±150 ppm should be corrected to avoid that harmonics of
the CLK output disturb the receive mode. If the CLK is not used or if it is carefully laid out on the
application PCB (as needed for multi channel systems), more than ±150 ppm can be
compensated.
Over temperature and supply voltage, the XTO's additional pulling is only ±2 ppm. The XTAL
versus temperature and its aging is then the main source of frequency error in the local
oscillator.
The XTO frequency depends on XTAL properties and the load capacitances C
L1, 2 at pin XTAL1
and XTAL2. The pulling of f
XTO from the nominal fXTAL is calculated using the following formula:
ppm.
C
m is the crystal's motional, C0 the shunt and CLN the nominal load capacitance of the XTAL
found in its data sheet. C
L is the total actual load capacitance of the crystal in the circuit and con-
sists of C
L1 and CL2 in series connection.
Figure 4-1.
XTAL with Load Capacitance
With C
m ≤14 fF, C0 ≥ 1.5 pF, CLN = 9 pF and CL = 7.4 pF to 10.6 pF, the pulling amounts to
P
≤±100 ppm and with C
m ≤7fF, C0 ≥ 1.5 pF, CLN = 9 pF and CL = 7.4 pF to 10.6 pF, the pulling
is P
≤ ±50 ppm.
Since typical crystals have less than ±50 ppm tolerance at 25°C, the compensation is not criti-
cal, and can in both cases be done with the ±150 ppm.
P
C
m
2
--------
C
LN
C
L
–
C
0
C
LN
+
()
C
0
C
L
+
()
×
-------------------------------------------------------------
×
10
6
×
=
C0
CL2
CL1
Cm
Lm
Rm
CL = CL1 × CL2/ (CL1 + CL2)
XTAL
Crystal equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com