Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Sensors
29
Freescale Semiconductor
MMA8450Q
0x1C: PL_BF_ZCOMP Back/Front and Z Compensation Register
The Z-Tilt angle compensation bits allow the user to adjust the Z-lockout region from 25° up to 50°. The default Z-lockout angle
is set to the default value of 32° upon power up. The Back to Front trip angle is set by default to ±75° but this angle also can be
adjusted from a range of 65° to 80° with 5° step increments.
0x1D - 0x1F: PL_P_L_THS_REG1, 2, 3 Portrait-to-Landscape Threshold Registers
The following registers represent the Portrait-to-Landscape trip threshold registers. These registers are used to set the trip
angle for the image transition from the Portrait orientation to the Landscape orientation. The angle can be selected from Table 28
and the corresponding values for that angle should be written into the three PL_P_L_THS Registers.
Table 22. PL_COUNT Relationship with the ODR
Output Data Rate (Hz)
Step
Duration Range
400
2.5 ms
2.5 ms – 0.637s
200
5 ms
5 ms – 1.275s
100
10 ms
10 ms – 2.55s
50
20 ms
20 ms – 5.1s
12.5
80 ms
80 ms – 20.4s
1.56
640 ms
640 ms – 163s
0x1C: PL_BF_ZCOMP Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BKFR[1]
BKFR[0]
—
—
—
ZLOCK[2]
ZLOCK[1]
ZLOCK[0]
Table 23. PL_BF_ZCOMP Description
ZLOCK
Z-Lock Angle Threshold. Range is from 25° to 50°. Step size is 3.6°.
Default value: 010
≥ 32.1°. Maximum value: 111 ≥ 50°.
BKFR
Back Front Trip Angle Threshold. Default: 10
≥ ±75°. Step size is 5°.
Range:
±(65° to 80°).
Table 24. Back/Front Orientation Definitions
BKFR
Back
→ Front Transition
Front
→ Back Transition
00
Z < 80° or Z > 280°
Z > 100° and Z < 260°
01
Z < 75° or Z > 285°
Z > 105° and Z < 255°
10
Z < 70° or Z > 290°
Z > 110° and Z < 250°
11
Z < 65° or Z > 295°
Z > 115° and Z < 245°
0x1D PL_P_L_THS_REG1 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P_L_THS[7]
P_L_THS[6]
P_L_THS[5]
P_L_THS[4]
P_L_THS[3]
P_L_THS[2]
P_L_THS[1]
P_L_THS[0]
Table 25. PL_P_L_THS_REG1 Description
P_L_THS
Portrait-to-Landscape Threshold Register 1. Default value: 30°
→ 0001_1010.
0x1E PL_P_L_THS_REG2 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P_L_THS[7]
P_L_THS[6]
P_L_THS[5]
P_L_THS[4]
P_L_THS[3]
P_L_THS[2]
P_L_THS[1]
P_L_THS[0]
Table 26. PL_P_L_THS_REG2 Description
P_L_THS
Portrait-to-Landscape Threshold Register 2. Default value: 30°
→ 0010_0010.
0x1F PL_P_L_THS_REG3 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P_L_THS[7]
P_L_THS[6]
P_L_THS[5]
P_L_THS[4]
P_L_THS[3]
P_L_THS[2]
P_L_THS[1]
P_L_THS[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com