Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Sensors
Freescale Semiconductor
30
MMA8450Q
0x20 - 0x22 PL_L_P_THS_REG1, 2, 3 Landscape-to-Portrait Threshold Registers
The following registers represent the Landscape-to-Portrait trip threshold registers. These registers are used to set the trip
angle for the image transition from the Landscape orientation to the Portrait orientation. The angle can be selected from Table 32
and the corresponding values for that angle should be written into the three PL_L_P_THS Registers.
Table 27. PL_P_L_THS_REG3 Description
P_L_THS
Portrait-to-Landscape Threshold Register 3. Default value: 30°
→ 1101_0100.
Table 28. Portrait-to-Landscape Trip Angle Thresholds Look-up Table
Portrait-to-Landscape
Trip Angle
PL_P_L_THS_REG1
PL_P_L_THS_REG2
PL_P_L_THS_REG3
15
0x17
0x75
0x77
20
0x18
0x14
0x23
25
0x18
0xF3
0x59
30
0x1A
0xA2
0x77
35
0x1B
0x1A
0x1A
40
0x1D
0x92
0x33
45
0x20
0x00
0x00
50
0x23
0x31
0xD9
55
0x27
0x71
0xBA
60
0x2D
0x41
0xA2
0x20 PL_L_P_THS_REG1 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L_P_THS[7]
L_P_THS[6]
L_P_THS[5]
L_P_THS[4]
L_P_THS[3]
L_P_THS[2]
L_P_THS[1]
L_P_THS[0]
Table 29. PL_L_P_THS_REG1 Description
L_P_THS
Landscape-to-Portrait Threshold Register 1. Default value: 60°
→ 0010_1101.
0x21 PL_L_P_THS_REG2 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L_P_THS[7]
L_P_THS[6]
L_P_THS[5]
L_P_THS[4]
L_P_THS[3]
L_P_THS[2]
L_P_THS[1]
L_P_THS[0]
Table 30. PL_L_P_THS_REG2 Description
L_P_THS
Landscape-to-Portrait Threshold Register 2. Default value: 60°
→ 0100_0001.
0x22 PL_L_P_THS_REG3 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L_P_THS[7]
L_P_THS[6]
L_P_THS[5]
L_P_THS[4]
L_P_THS[3]
L_P_THS[2]
L_P_THS[1]
L_P_THS[0]
Table 31. PL_L_P_THS_REG3 Description
L_P_THS
Landscape-to-Portrait Threshold Register 3. Default value: 60°
→ 1010_0010.
Table 32. Landscape-to-Portrait Trip Angle Thresholds Look-up Table
Landscape-to-Portrait
Trip Angle
PL_L_P_THS_REG1
PL_L_P_THS_REG2
PL_L_P_THS_REG3
30
0x1A
0x22
0xD4
35
0x1B
0xA2
0x77
40
0x1D
0x92
0x33
45
0x20
0x00
0x00
50
0x23
0x31
0xD9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com