Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
Sensors
19
Freescale Semiconductor
MMA8450Q
6
Register Descriptions
Table 11 is the memory map of the MMA8450Q.The user has access to all addresses from 0x00 to 0x3F.
Table 11. Register Address Map
Name
Type
Register
Address
Auto-Increment
Address
Default
Comment
STATUS(1)(2)
R
0x00
0x01
00000000
Addresses 0x00, 0x04, 0x0B are aliases to the
same register. Data Ready status information or
FIFO status information.
OUT_X_MSB(1)(2)
R
0x01
0x02
0x01
output
[7:0] are 8 MSBs of
12-bit real-time sample.
Root pointer to XYZ
FIFO 8-bit data.
OUT_Y_MSB(1)(2)
R
0x02
0x03
output
[7:0] are 8 MSBs of 12-bit real-time sample
OUT_Z_MSB(1)(2)
R0x03
0x00
output
[7:0] are 8 MSBs of 12-bit real-time sample
STATUS(1)(2)
R
0x04
0x05
00000000
Addresses 0x00, 0x04, 0x0B are aliases to the
same register. Data Ready status information or
FIFO status information.
OUT_X_LSB(1)(2)
R
0x05
0x06
0x05
output
[3:0] are 4 LSBs of
12-bit sample.
Root pointer to XYZ
FIFO 12-bit data.
OUT_X_MSB(1)(2)
R
0x06
0x07
output
[7:0] are 8 MSBs of 12-bit real-time sample
OUT_Y_LSB(1)(2)
R
0x07
0x08
output
[3:0] are 4 LSBs of 12-bit real-time sample
OUT_Y_MSB(1)(2)
R
0x08
0x09
output
[7:0] are 8 MSBs of 12-bit real-time sample
OUT_Z_LSB(1)(2)
R
0x09
0x0A
output
[3:0] are 4 LSBs of 12-bit real-time sample
OUT_Z_MSB(1)(2)
R0x0A
0x04
output
[7:0] are 8 MSBs of 12-bit real-time sample
STATUS(1)(2)
R
0x0B
0x0C
00000000
Addresses 0x00, 0x04, 0x0B are aliases to the
same register. Data Ready status information or
FIFO status information.
OUT_X_DELTA(1)(2)
R
0x0C
0x0D
output
8-bit AC X-axis data
OUT_Y_DELTA(1)(2)
R
0x0D
0x0E
output
8-bit AC Y-axis data
OUT_Z_DELTA(1)(2)
R0x0E
0x0B
output
8-bit AC Z-axis data
WHO_AM_I(1)
R
0x0F
0xC6
11000110
NWM Programmable Fixed Device ID No.
F_STATUS(1)(2)
R
0x10
0x11
00000000
FIFO Status: No FIFO event Detected
F_8DATA(1)(2)
R0x11
0x11
Output
FIFO status and 8-bit samples
F_12DATA(1)(2)
R0x12
0x12
Output
FIFO status and 12-bit samples
F_SETUP(1)(3)
R/W
0x13
0x14
00000000
FIFO setup
SYSMOD(1)(2)
R
0x14
0x15
Output
Current System Mode
INT_SOURCE(1)(2)
R
0x15
0x16
Output
Interrupt status
XYZ_DATA_CFG(1)(4)
R/W
0x16
0x17
00000000
Acceleration data event flag configuration
HP_FILTER_CUTOFF
1,3
R/W
0x17
0x18
00000000
Cutoff frequency is set to 4Hz @ 400Hz
PL_STATUS(1)(2)
R
0x18
0x19
00000000
Landscape/Portrait orientation status
PL_PRE_STATUS(1)(2)
R
0x19
0x1A
00000000
Landscape/Portrait previous orientation
PL_CFG(1)(4)
R/W
0x1A
0x1B
10000011
Landscape/Portrait configuration.
1g Lockout offset is set to default value of 1.15g.
Debounce counters are clear during invalid
sequence condition.
PL_COUNT(1)(3)
R/W
0x1B
0x1C
00000000
Landscape/Portrait debounce counter
PL_BF_ZCOMP(1)(4)
R/W
0x1C
0x1D
00000010
Back-Front Trip threshold is
±75°.
Z-Lockout angle is 32.14°
PL_P_L_THS_REG1(1)(4)
R/W
0x1D
0x1E
00011010
Portrait-to-Landscape Trip Angle is 30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com