Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
Sensors
15
Freescale Semiconductor
MMA8450Q
5.8
Orientation Detection
The MMA8450Q incorporates an advanced algorithm for orientation detection (ability to detect all 6 orientations including
portrait/landscape) with a large amount of configuration available to provide extreme flexibility to the system designer. The
configurability also allows for the function to work differently for various modes of the end system. For example, the MMA8450Q
Orientation Detection allows up to 10 selectable trip angles for Portrait-to-Landscape, up to10 selectable trip angles for the
transition for Landscape-to-Portrait, and 4 selectable front/back trip angles. Typically the desired hysteresis angle is ±15° from a
45° trip reference point, resulting in |30°| and |60°| trip points. The algorithm is robust enough to handle typical process variation
and uncompensated board mount offset, however, it may result in slight angle variations.
The MMA8450Q Orientation Detection algorithm confirms the reliability of the function with a configurable Z-lock out angle.
Based on known functionality of linear accelerometers, it is not possible to rotate the device about the Z-axis to detect change in
acceleration at slow angular speeds. The angle at which the image no longer detects the orientation change is referred to as the
“Z-Lock- out angle”. The MMA8450Q Orientation Detection function has eight selectable1g-lockout thresholds; and there are 8
different settings for the Z-Angle lockout.
The Orientation Detection function also considers when a device is experiencing acceleration above a set threshold not typical
of orientation changes (i.e., When a person is jogging or due to acceleration changes from being on a bus or in a car). The screen
orientation should not interpret this as a change and the screen should lock in the last known valid position. This added feature,
called the 1g Lockout Threshold, enhances the Orientation Detection function and confirms the reliability of the algorithm for the
system. The MMA8450Q allows for configuring the 1g Lockout Threshold from 1g up to 1.35g (in increments of 0.05g).
For further information on the highly configurable embedded Orientation Detection Function, including recommendations for
configuring the device to support various application use cases, refer to Freescale application note, AN3915.
Figure 6 and Figure 7 show the definitions of the trip angles going from Landscape-to-Portrait and then also from Portrait-to-
Landscape.
Figure 6. Illustration of Landscape-to-Portrait Transition
Figure 7. Illustration of Portrait-to-Landscape Transition
Figure 8 illustrates the Z-angle lockout region. When lifting the device up from the flat position it will be active for orientation
detection as low as 25° from flat. This is user configurable. The default angle is 32° but it can be set as low as 25°.
Figure 8. Illustration of Z-Tilt Angle Lockout Transition
PORTRAIT
Landscape-to-Portrait
90
°
Trip Angle = 60
°
0° Landscape
PORTRAIT
Portrait-to-Landscape
90
°
Trip Angle = 60
°
0° Landscape
PORTRAIT
NORMAL
90
°
ZLOCK = 32.142°
0° Landscape
DETECTION
REGION
LOCKOUT
REGION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com