Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Sensors
Freescale Semiconductor
12
MMA8450Q
3
Terminology
3.1
Sensitivity
Sensitivity describes the gain of the sensor and can be determined by applying a g acceleration to it, such as the earth's
gravitational field. The sensitivity of the sensor can be determined by subtracting the -1g acceleration value from the +1g
acceleration value and dividing by two.
3.2
Zero-g Offset
Zero-g Offset (TyOff) describes the deviation of an actual output signal from the ideal output signal if no acceleration is present.
A sensor in a steady state on a horizontal surface will measure 0g in X-axis and 0g in Y-axis whereas the Z-axis will measure 1g.
The output is ideally in the middle of the dynamic range of the sensor (content of OUT registers 0x00, data expressed as 2's
complement number). A deviation from ideal value in this case is called Zero-g offset. Offset is to some extent a result of stress
on the MEMS sensor and therefore the offset can slightly change after mounting the sensor onto a printed circuit board or
exposing it to extensive mechanical stress.
3.3
Self-Test
Self-Test checks the transducer functionality without external mechanical stimulus. When Self-Test is activated, an
electrostatic actuation force is applied to the sensor, simulating a small acceleration. In this case the sensor outputs will exhibit
a change in their DC levels which are related to the selected full scale through the device sensitivity. When Self-Test is activated,
the device output level is given by the algebraic sum of the signals produced by the acceleration acting on the sensor and by the
electrostatic test-force.
4
Modes of Operation
Figure 5. MMA8450Q Mode Transition Diagram
All register contents are preserved when transitioning from Active to Standby mode. Some registers are reset when
transitioning from Standby to Active. These are all noted in the device memory map register table. For more detail on how to use
the Sleep and Wake modes and how to transition between these modes, please refer to the functionality section of this document.
Table 7. Mode of Operation Description
Mode
I2C Bus State
VDD
EN
Function Description
OFF
Powered Down
<1.5 V
<VDD+0.3V
The device is powered off.
SHUTDOWN
I2C communication ignored
ON
EN = Low
All analog & digital blocks are shutdown.
STANDBY
I2C communication possible
ON
EN = VDD
Standby register set
Only POR and digital blocks are enabled.
Analog subsystem is disabled.
Registers accessible for Read/Write.
Device configuration done in this mode.
ACTIVE
I2C communication possible
ON
EN = VDD
Standby register reset
All blocks are enabled (POR, digital, analog).
VDD = OFF
Mode
SHUTDOWN
Mode
STANDBY
Mode (00)
WAKE
Mode (01)
OFF
EN
= V
DD
EN
= GN
D
EN = GND
VD
D =
OFF
SLEEP
Mode (10)
EN = VDD & VDD = ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com