Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Sensors
Freescale Semiconductor
36
MMA8450Q
6.6
Tap Detection Registers
For more details of how to configure the tap detection and sample code please refer to Freescale application note, AN3919.
The tap detection registers are referred to as “Pulse”.
0x2F: PULSE_CFG Pulse Configuration Register
This register configures the event flag for the tap detection for enabling/disabling the detection of a single and double pulse
on each of the axes.
0x30: PULSE_SRC Pulse Source Register
This register indicates a double or single pulse event has occurred. The corresponding axis and event must be enabled in
Register 0x2F for the event to be seen in the source register.
0x2F PULSE_CFG Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DPA
ELE
ZDPEFE
ZSPEFE
YDPEFE
YSPEFE
XDPEFE
XSPEFE
Table 43. PULSE_CFG Description
DPA
Double Pulse Abort.
0: Double Pulse detection is not aborted if the start of a pulse is detected during the time period specified by the PULSE_LTCY
register.
1: Setting the DPA bit momentarily suspends the double tap detection if the start of a pulse is detected during the time period
specified by the PULSE_LTCY register and the pulse ends before the end of the time period specified by the PULSE_LTCY
register.
ELE
Pulse event flags are latched into the PULSE_SRC register. Reading of the PULSE_SRC register clears the event flag.
Default value: 0
0: Event flag latch disabled; 1: Event flag latch enabled
ZDPEFE
Event flag enable on double pulse event on Z-axis. Default value: 0
0: Event detection disabled; 1: Event detection enabled
ZSPEFE
Event flag enable on single pulse event on Z-axis. Default value: 0
0: Event detection disabled; 1: Event detection enabled
YDPEFE
Event flag enable on double pulse event on Y-axis. Default value: 0
0: Event detection disabled; 1: Event detection enabled
YSPEFE
Event flag enable on single pulse event on Y-axis. Default value: 0
0: Event detection disabled; 1: Event detection enabled
XDPEFE
Event flag enable on double pulse event on X-axis. Default value: 0
0: Event detection disabled; 1: Event detection enabled
XSPEFE
Event flag enable on single pulse event on X-axis. Default value: 0
0: Event detection disabled; 1: Event detection enabled
0x30 PULSE_SRC Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
—
EA
ZDPE
ZSPE
YDPE
YSPE
XDPE
XSPE
Table 44. TPULSE_SRC Description
EA
Event Active Flag. Default value: 0
0: no event flag has been asserted; 1: one or more events have been asserted
ZDPE
Double pulse on Z-axis event. Default value: 0
0: no event detected; 1: Double Z event detected
ZSPE
Single pulse on Z-axis event. Default value: 0
0: no event detected; 1: Single Z event detected
YDPE
Double pulse on Y-axis event. Default value: 0
0: no event detected; 1: Double Y event detected
YSPE
Single pulse on Y-axis event. Default value: 0
0: no event detected; 1: Single Y event detected
XDPE
Double pulse on X-axis event. Default value: 0
0: no event detected; 1: Double X event detected
XSPE
Single pulse on X-axis event. Default value: 0
0: no event detected; 1: Single X event detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com