Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Sensors
Freescale Semiconductor
16
MMA8450Q
Figure 9 shows the device configuration in the 6 different orientation modes. These orientations are defined as the following:
PU = Portrait UP, LR = Landscape Right, PD = Portrait Down, LL = Landscape Left, Back and Front.
Figure 9. Landscape/Portrait Orientation
There are several registers to configure the orientation detection and are described in detail in the register setting section.
5.9
Interrupt Register Configurations
There are eight configurable interrupts in the MMA8450Q. These are Auto-Sleep, Data Ready, Motion/Freefall 1, Motion/
Freefall 2, Transient, Orientation Detection, Tap Detection and the FIFO events. These eight interrupt sources can be routed to
one of two interrupt pins. The interrupt source must be enabled and configured. If the event flag is asserted because the event
condition is detected, the corresponding interrupt pin, INT1 or INT2, will assert.
Figure 10. System Interrupt Generation Block Diagram
Top View
PU
Earth Gravity
Pin 1
Xout @ 0g
Yout @ -1g
Zout @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g
Auto-Sleep
FIFO
Transient Detect
Orientation Detect
Pulse Detect
Freefall/Motion
Data Ready
Func_En
Func_En
Func_En
Func_En
Func_En
Func_En
Func_En
INTERRUPT
CONTROLLER
INT_ENABLE
INT1
INT2
Event Flag 0
Event Flag 1
Event Flag 2
Event Flag 3
Event Flag 4
Event Flag 5
Event Flag 7
8
INT_CFG
8
Event Flag 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com