Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8450QT Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Sensors
11
Freescale Semiconductor
MMA8450Q
Figure 4. I2C Slave Timing Diagram
2.4
Absolute Maximum Ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. Exposure to
maximum rating conditions for extended periods may affect device reliability.
Table 5. Maximum Ratings
Rating
Symbol
Value
Unit
Maximum Acceleration (all axes, 100
μs)
gmax
10,000
g
Supply Voltage
VDD
-0.3 to +2
V
Input voltage on any control pin (SA0, EN, SCL, SDA)
Vin
-0.3 to VDD + 0.3
V
Drop Test
Ddrop
1.8
M
Operating Temperature Range
TOP
-40 to +85
°C
Storage Temperature Range
TSTG
-40 to +125
°C
Table 6. ESD and Latch-Up Protection Characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latch-up Current at T = 85°C
—
±100
mA
This device is sensitive to mechanical shock. Improper handling can cause permanent damage of the part or
cause the part to otherwise fail.
This is an ESD sensitive, improper handling can cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com