Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 12Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 13Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 14Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 15Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 16Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 17Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 18Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 19Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
16 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
10. Command overview
The MIFARE card activation follows the ISO/IEC 14443-3 type A. After the MIFARE card
has been selected, it can either be deactivated using the ISO/IEC 14443 Halt command,
or the MIFARE commands can be performed. For more details about the card activation
refer to Ref. 4.
10.1 MIFARE command overview
All MIFARE Classic commands use the MIFARE Crypto1 and require an authentication.
All available commands for the MIFARE Classic are shown in Table 8.
All the commands use the coding and framing as described in Ref. 3 and Ref. 4 (e.g.
parity) if not otherwise specified.
10.2 Timings
In this document the timing shown is not to scale and rounded to 1
μs.
All the given times refer to the data frames including start of communication and end of
communication, but do not include the encoding (like the Miller pulses).
Consequently a data frame sent by the PCD contains the start of communication (1 “start
bit”) and the end of communication (one logic 0 + 1 bit length of unmodulated carrier).
A data frame sent by the PICC contains the start of communication (1 “start bit”) and the
end of communication (1 bit length of no subcarrier).
Table 8.
Command overview
Command
ISO/IEC 14443
Command code
(hexadecimal)
Request
REQA
26h (7 bit)
Wake-up
WUPA
52h (7 bit)
Anticollision CL1
Anticollision CL1
93h 20h
Anticollision CL2
Anticollision CL2
95h 20h
Select CL1
Select CL1
93h 20h
Select CL2
Select CL2
95h 20h
Halt
Halt
50h 50h
Authentication with Key A
-
60h
Authentication with Key B
-
61h
MIFARE Read
-
30h
MIFARE Write
-
A0h
MIFARE Decrement
-
C0h
MIFARE Increment
-
C1h
MIFARE Restore
-
C2h
MIFARE Transfer
-
B0h
Halt
-
50h 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com