Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF1S5009DA4 Datasheet HTML 1Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 2Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 3Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 4Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 5Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 6Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
2 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
1.4 Security
Unique identifier for each device using double size UID (7 byte UID)
Mutual three pass authentication (ISO/IEC 9798-2)
Individual set of two keys per sector (per application) to support multi-application with
key hierarchy
1.5 Delivery options
Bumped die on wafer
MOA4 contactless module
2.
Features and benefits
2.1 MIFARE‚ RF Interface (ISO/IEC 14443 A)
Contactless transmission of data and supply energy (no battery needed)
Operating distance up to 100 mm depending on antenna geometry and reader
configuration
Operating frequency of 13.56 MHz
Data transfer of 106 kbit/s
Data integrity of 16-bit CRC, parity, bit coding, bit counting
Anticollision
Typical ticketing transaction time of < 100 ms (including backup management)
2.2 EEPROM
1 kB, organized in 16 sectors with 4 blocks of 16 bytes each (one block consists of
16 byte)
User definable access conditions for each memory block
Data retention time of 10 years
Write endurance 100000 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com