Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF1S5009DA4 Datasheet HTML 1Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 2Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 3Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 4Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 5Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 6Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1.
General description
NXP Semiconductors has developed the MIFARE MF1S5009 to be used in a contactless
smart card according to ISO/IEC 14443 Type A. The MF1S5009 features a double size
UID for early adopters among existing MIFARE Classic systems which are planning to
migrate from the currently used single size UID to double size UID.
The MIFARE MF1S5009 IC is used in applications like public transport ticketing where
major cities have adopted MIFARE as their e-ticketing solution of choice.
1.1 Key applications
Public transportation
Access control
Event ticketing
Gaming and identity
1.2 Anticollision
An intelligent anticollision function allows to operate more than one card in the field
simultaneously. The anticollision algorithm selects each card individually and ensures that
the execution of a transaction with a selected card is performed correctly without data
corruption resulting from other cards in the field.
1.3 Simple integration and user convenience
The MF1S5009 is designed for simple integration and user convenience which could
allow complete ticketing transactions to be handled in less than 100 ms. Thus, the
MF1S5009 card user is not forced to stop at the reader leading to a high throughput at
gates and reduced boarding times onto busses.
MF1S5009
Mainstream contactless smart card IC for fast and easy
solution development
Rev. 3 — 27 July 2010
189131
Product data sheet
PUBLIC
Fig 1.
MIFARE card reader
001aam199
MIFARE
CARD PCD
energy
data


Similar Part No. - MF1S5009DA4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1S5000XDA4/V1 NXP-MF1S5000XDA4/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5000XDA8/V1 NXP-MF1S5000XDA8/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5001XDUD/V1 NXP-MF1S5001XDUD/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5001XDUD2/V1 NXP-MF1S5001XDUD2/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S5001XDUF/V1 NXP-MF1S5001XDUF/V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
More results

Similar Description - MF1S5009DA4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1PLUSX0Y1 NXP-MF1PLUSX0Y1 Datasheet
163Kb / 20P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1SPLUSX0Y1 NXP-MF1SPLUSX0Y1 Datasheet
148Kb / 17P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
Class 1 Terminal for Contact and Contactless Smart Cards:
logo
NXP Semiconductors
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
PEGODA Contactless Smart Card Reader
Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com