Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 18Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 19Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 20Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 21Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 22Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 23Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 24Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 25Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
22 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
Remark: The minimum required time between MIFARE Write part 1 and part 2 is the
minimum required FDT acc. to Ref. 4. There is no maximum specified.
11.4 MIFARE Increment, Decrement and Restore
The MIFARE Increment requires a source block address and an operand. It adds the
operand to the value of the addressed block, and stores the result in a volatile memory.
The MIFARE Decrement requires a source block address and an operand. It subtracts the
operand from the value of the addressed block, and stores the result in a volatile memory.
The MIFARE Restore requires a source block address. It copies the value of the
addressed block into a volatile memory.
These two parts of each command are shown in Figure 17, Figure 18 and Table 18.
Table 19 shows the required timing.
Fig 16. MIFARE Write part 2
Table 16.
MIFARE Write command
Name
Code
Description
Length
Cmd
A0h
Read one block
1 byte
Addr
-
MIFARE Block or Page address (00h
to FFh)
1 byte
CRC
-
CRC according to Ref. 4
2 bytes
Data
-
Data
16 bytes
NAK
see Table 9
see Section 10.3
4-bit
Table 17.
MIFARE Write timing
These times exclude the end of communication of the PCD.
TACK min
TACK max
TNAK min
TNAK max
TTimeOut
Write part 1
71
μsT
TimeOut
71
μsT
TimeOut
5 ms
Write part 2
71
μsT
TimeOut
71
μsT
TimeOut
10 ms
001aam213
CRC
PCD
Data
PICC
,,ACK''
1558
μs
PICC
NAK
,,NAK''
Time out
TTimeOut
TNAK
TACK
59
μs
ACK
59
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com