Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 10Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 11Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 12Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 13Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 14Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 15Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 16Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
13 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
9.7.1 Access conditions
The access conditions for every data block and sector trailer are defined by 3 bits, which
are stored non-inverted and inverted in the sector trailer of the specified sector.
The access bits control the rights of memory access using the secret keys A and B. The
access conditions may be altered, provided one knows the relevant key and the current
access condition allows this operation.
Remark: With each memory access the internal logic verifies the format of the access
conditions. If it detects a format violation the whole sector is irreversible blocked.
Remark: In the following description the access bits are mentioned in the non-inverted
mode only.
The internal logic of the MF1S5009 ensures that the commands are executed only after
an authentication procedure or never.
Table 5.
Access conditions
Access Bits
Valid Commands
Block
Description
C13 C23 C33
read, write
3
sector trailer
C12 C22 C32
read, write, increment, decrement,
transfer, restore
2
data block
C11 C21 C31
read, write, increment, decrement,
transfer, restore
1
data block
C10 C20 C30
read, write, increment, decrement,
transfer, restore
0
data block
Fig 10. Access conditions
001aam207
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Byte Number
0
Key A
Key B (optional)
Access Bits
Byte 6
C23
C22
C21
C20
C13
C12
C11
C10
7
Bit
6543210
Byte 7
C13
C12
C11
C10
C33
C32
C31
C30
Byte 8
C33
C32
C31
C30
C23
C22
C21
C20
Byte 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com