Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 22Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 23Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 24Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 25Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 26Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 27Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 28Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 29Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
26 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
14. Package outline
Fig 20. Package outline SOT500-2
UNIT
D
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
35.05
34.95
For unspecified dimensions see PLLMC-drawing given in the subpackage code.
DIMENSIONS (mm are the original dimensions)
SOT500-2
03-09-17
06-05-22
- - -
- - -
- - -
PLLMC: plastic leadless module carrier package; 35 mm wide tape
SOT500-2
A(1)
max.
0.33
0
10
20 mm
scale
A
detail X
X
Note
1. Total package thickness, exclusive punching burr.
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com