Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 16Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 17Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 18Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 19Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 20Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 21Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 22Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 23Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
20 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
Remark: The minimum required time between MIFARE Authentication part 1 and part 2 is
the minimum required FDT according to Ref. 4. There is no maximum specified.
Remark: The MIFARE authentication and encryption requires an MIFARE reader IC (e.g.
the CL RC632). For more details about the authentication command refer to the
corresponding data sheet (e.g. Ref. 5).
11.2 MIFARE Read
The MIFARE Read requires a block address, and returns the 16 bytes of one MIFARE
Classic block. The command structure is shown in Figure 14 and Table 14.
Table 15 shows the required timing.
Table 12.
MIFARE authentication command
Name
Code
Description
Length
Auth (with Key A)
60h
Authentication with Key A
1 byte
Auth (with Key B)
61h
Authentication with Key B
1 byte
Addr
-
MIFARE Block address (00h to FFh)
1 byte
CRC
-
CRC according to Ref. 4
2 bytes
Token RB
-
Challenge 1 (Random Number)
4 bytes
Token AB
-
Challenge 2 (Random Number)
8 bytes
Token BA
-
Challenge 2 (Random Number)
4 bytes
NAK
see Table 9
see Section 10.3
4-bit
Table 13.
MIFARE authentication timing
These times exclude the end of communication of the PCD.
TACK min
TACK max
TNAK min
TNAK max
TTimeOut
Authentication part 1
661
μsT
TimeOut
661
μsT
TimeOut
1 ms
Authentication part 2
113
μsT
TimeOut
113
μsT
TimeOut
1 ms
Fig 14. MIFARE Read
001aam211
CRC
CRC
Addr
PCD
Cmd
Data
PICC
,,ACK''
368
μs
1548
μs
PICC
NAK
,,NAK''
Time out
TTimeOut
TNAK
TACK
59
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com