Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 13Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 14Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 15Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 16Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 17Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 18Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 19Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 20Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
17 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
All timing can be measured according to ISO/IEC 14443-3 frame specification as shown
for the Frame Delay Time in Figure 11. For more details refer to Ref. 3 and Ref. 4.
FDTPCD2PICC = Frame delay time PCD to PICC.
FDTPICC2PCD = Frame delay time PICC to PCD (must be at least 87
μS).
Remark: Due to the coding of commands, the measured timings usually exclude (a part
of) the end of communication. This needs to be considered, when comparing the given
times with the measured ones.
10.3 MIFARE ACK and NAK
The MIFARE Classic uses a 4 bit ACK / NAK as shown in Table 9.
(1) Measurement of the FDT (Frame Delay Time) from PCD to PICC
Fig 11. Frame Delay Time (from PCD to PICC), and TACK and TNAK
001aam208
Last data bit transmitted by PCD
FDT = (n* 128 + 84)/fc
256/fc
End of communication (E)
128/fc
logic ''1''
128/fc
Start of
communication (S)
First modulation of PICC
FDT = (n* 128 + 20)/fc
256/fc
End of communication (E)
TACK, TNAK
128/fc
logic ''0''
128/fc
Start of
communication (S)
Table 9.
MIFARE ACK and NAK
Code (4-bit)
ACK/NAK
Ah
Acknowledge (ACK)
0h to 9h
NAK
Bh to Fh
NAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com