Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 4Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 5Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 6Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 10Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 11Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
8 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
9.2.3 Select card
With the select card command the reader selects one individual card for authentication
and memory related operations. The card returns the Select Acknowledge (SAK) code
which determines the type of the selected card, see Section 10.4. For further details refer
to the document Ref. 2, the handling of double size UIDs in MIFARE Classic is described
in Ref. 6.
9.2.4 Three pass authentication
After selection of a card the reader specifies the memory location of the following memory
access and uses the corresponding key for the three pass authentication procedure. After
a successful authentication all memory operations are encrypted.
Fig 5.
Three pass authentication
001aam202
REQUEST STANDARD
Transaction Sequence
Typical Transaction Time
SELECT CARD
POR
TRANSFER
ANTICOLLISION LOOP
GET IDENTIFIER
3 PASS AUTHENTICATION
ON SPECIFIC SECTOR
READ
BLOCK
WRITE
BLOCK
DECRE-
MENT
INCRE-
MENT
RE-
STORE
HALT
REQUEST ALL
Identification and Selection
Procedure
without collision
~3 ms
Authentication
Procedure
~3 ms
for each collision
+~3 ms
Memory
Operations
read block
~2.5 ms
write block
~6.0 ms
de-/increment
~2.5 ms
transfer
~4.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com