Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 20Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 21Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 22Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 23Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 24Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 25Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 26Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 27Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
24 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
Remark: The minimum required time between MIFARE Increment, Decrement, and
Restore part 1 and part 2 is the minimum required FDT acc. too Ref. 4. There is no
maximum specified.
Remark: The MIFARE Increment, Decrement, and Restore commands require a MIFARE
Transfer to store the value into a destination block.
Remark: The MIFARE Increment, Decrement, and Restore command part 2 does not
provide an acknowledgement, so the regular time out has to be used instead.
11.5 MIFARE Transfer
The MIFARE Transfer requires a destination block address, and writes the value stored in
the volatile memory into one MIFARE Classic block. The command structure is shown in
Figure 19 and Table 20.
Table 21 shows the required timing.
Table 19.
MIFARE Increment, Decrement and Restore timing
These times exclude the end of communication of the PCD.
TACK min
TACK max
TNAK min
TNAK max
TTimeOut
Increment,
Decrement, and
Restore part 1
71
μsT
TimeOut
71
μsT
TimeOut
5 ms
Increment,
Decrement, and
Restore part 2
71
μsT
TimeOut
71
μsT
TimeOut
5 ms
Fig 19. MIFARE Transfer
001aam216
CRC
Addr
PCD
Cmd
PICC
,,ACK''
368
μs
PICC
NAK
,,NAK''
Time out
TTimeOut
TNAK
TACK
59
μs
ACK
59
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com