Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 3Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 4Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 5Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 6Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 10Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
7 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
9.
Functional description
9.1 Block description
The MF1S5009 chip consists of a 1 kB EEPROM, RF interface and Digital Control Unit.
Energy and data are transferred via an antenna consisting of a coil with a small number of
turns which is directly connected to the MF1S5009. No further external components are
necessary. Refer to the document Ref. 1 for details on antenna design.
RF interface:
– Modulator/demodulator
– Rectifier
– Clock regenerator
– Power-On Reset (POR)
– Voltage regulator
Anticollision: Multiple cards in the field may be selected and managed in sequence
Authentication: Preceding any memory operation the authentication procedure
ensures that access to a block is only possible via the two keys specified for each
block
Control and Arithmetic Logic Unit: Values are stored in a special redundant format and
can be incremented and decremented
EEPROM interface
Crypto unit: The CRYPTO1 stream cipher of the MF1S5009 is used for authentication
and encryption of data exchange.
EEPROM: 1 kB is organized in 16 sectors with 4 blocks each. A block contains
16 bytes. The last block of each sector is called “trailer”, which contains two secret
keys and programmable access conditions for each block in this sector.
9.2 Communication principle
The commands are initiated by the reader and controlled by the Digital Control Unit of the
MF1S5009 according to the access conditions valid for the corresponding sector.
9.2.1 Request standard / all
After Power On Reset (POR) the card answers to a request REQA or wakeup WUPA
command with the answer to request code (see Section 10.4, ATQA according to ISO/IEC
14443A).
9.2.2 Anticollision loop
In the anticollision loop the identifier of a card is read. If there are several cards in the
operating field of the reader, they can be distinguished by their identifier and one can be
selected (select card) for further transactions. The unselected cards return to the idle state
and wait for a new request command.
The anticollision is done with two cascade levels as defined in ISO/IEC 14443-3, see also
Ref. 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com