Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 10Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 11Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 12Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 13Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 14Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 15Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
12 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
9.6.3 Sector trailer (block 3)
Each sector has a sector trailer containing the
• secret keys A and B (optional), which return logical “0”s when read and
• the access conditions for the four blocks of that sector, which are stored in bytes 6...9.
The access bits also specify the type (read/write or value) of the data blocks.
If key B is not needed, the last 6 bytes of block 3 can be used as data bytes.
Byte 9 of the sector trailer is available for user data. For this byte the same access rights
as for byte 6, 7 and 8 apply.
All keys are set to FFFFFFFFFFFFh at chip delivery.
9.7 Memory access
Before any memory operation can be carried out, the card has to be selected and
authenticated as described previously. The possible memory operations for an addressed
block depend on the key used and the access conditions stored in the associated sector
trailer.
Fig 9.
Sector trailer
001aam206
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Byte Number
0
Key A
Key B (optional)
Access Bits
Description
Table 4.
Memory operations
Operation
Description
Valid for Block Type
Read
reads one memory block
read/write, value and sector trailer
Write
writes one memory block
read/write, value and sector trailer
Increment
increments the contents of a block and
stores the result in the internal data
register
value
Decrement
decrements the contents of a block and
stores the result in the internal data
register
value
Transfer
writes the contents of the internal data
register to a block
value
Restore
reads the contents of a block into the
internal data register
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com