Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 7Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 8Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 9Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 10Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 11Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 12Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 13Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 14Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
11 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
9.6.1 Manufacturer block
This is the first data block (block 0) of the first sector (sector 0). It contains the IC
manufacturer data. This block is programmed and write protected in the production test.
9.6.2 Data blocks
All sectors contain 3 blocks of 16 bytes for storing data (Sector 0 contains only two data
blocks and the read-only manufacturer block).
The data blocks can be configured by the access bits as
read/write blocks for e.g. contactless access control or
value blocks for e.g. electronic purse applications, where additional commands like
increment and decrement for direct control of the stored value are provided.
An authentication command has to be carried out before any memory operation in order to
allow further commands.
9.6.2.1
Value Blocks
The value blocks allow to perform electronic purse functions (valid commands: read, write,
increment, decrement, restore, transfer).The value blocks have a fixed data format which
permits error detection and correction and a backup management.
A value block can only be generated through a write operation in the value block format:
Value: Signifies a signed 4-byte value. The lowest significant byte of a value is stored
in the lowest address byte. Negative values are stored in standard 2´s complement
format. For reasons of data integrity and security, a value is stored three times, twice
non-inverted and once inverted.
Adr: Signifies a 1-byte address, which can be used to save the storage address of a
block, when implementing a powerful backup management. The address byte is
stored four times, twice inverted and non-inverted. During increment, decrement,
restore and transfer operations the address remains unchanged. It can only be
altered via a write command.
Fig 7.
Manufacturer block
001aam204
15
14
13
12
11
10
9
8
7
6
5
4
3
UID
Manufacturer Data
Block 0/Sector 0
2
1
Byte
0
Fig 8.
Value blocks
001aam205
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Byte Number
0
Adr
Adr
Adr
Adr
Value
Value
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com